Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 27Page - STMicroelectronics ST72682 Datasheet HTML 28Page - STMicroelectronics ST72682 Datasheet HTML 29Page - STMicroelectronics ST72682 Datasheet HTML 30Page - STMicroelectronics ST72682 Datasheet HTML 31Page - STMicroelectronics ST72682 Datasheet HTML 32Page - STMicroelectronics ST72682 Datasheet HTML 33Page - STMicroelectronics ST72682 Datasheet HTML 34Page - STMicroelectronics ST72682 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ST72682
Electrical characteristics
31/36
7.9.2
USB (Universal Bus Interface)
Table 24.
USB Interface DC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDDsuspend Suspend current
VDD33=3.3 V, regulator
and PHY ON
0.5(1)
1.
Not tested in production, guaranteed by characterization.
1.5
6(1)
mA
VDD33=3.3 V, Power-
down mode, 25 °C (2)
2.
In order to reach this value, the software must force the regulator into power-down mode and the I/Os
compensation cell off.
60
90
190
µA
RPU
Pull-up resistor(1)
1.5
k
Ω
Full Speed Mode
VTERM
Termination voltage
0.8
2.0
V
VOH
High level output voltage
2.8
3.6
V
VOL
Low level output voltage
0.8
V
VCRS
Crossover voltage
1.3
2.0
V
High Speed Mode
VHSOH
HS data signalling high
400
mV
VHSOL
HS data signalling low
5
mV
Table 25.
USB Interface AC timing
Symbol
Parameter
Conditions
Min.
Max.
Unit
Full Speed Mode
TFR
Rise Time
CL=50pF
4
20
ns
TFF
Fall Time
CL=50pF
4
20
ns
High Speed Mode
THSR
Rise Time
500(1)
1.
Not tested in production, guaranteed by characterization.
ps
THSF
Fall Time
500(1)
ps
THSDRAT HS Data Rate
479.76
480.24
Mb/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com