Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72682 Datasheet HTML 1Page - STMicroelectronics ST72682 Datasheet HTML 2Page - STMicroelectronics ST72682 Datasheet HTML 3Page - STMicroelectronics ST72682 Datasheet HTML 4Page - STMicroelectronics ST72682 Datasheet HTML 5Page - STMicroelectronics ST72682 Datasheet HTML 6Page - STMicroelectronics ST72682 Datasheet HTML 7Page - STMicroelectronics ST72682 Datasheet HTML 8Page - STMicroelectronics ST72682 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
August 2007
Rev 2
1/36
1
ST72682
USB 2.0 high-speed Flash drive controller
Features
■
USB 2.0 interface compatible with mass
storage device class
– Integrated USB 2.0 PHY
– Supports USB high speed and full speed
– Suspend and Resume operations
■
Mass storage controller interface (MSCI)
– Supports all types of NAND Flash devices
including ST, Hynix, Samsung, Toshiba,
Renesas, and Micron
– Reed-Solomon encoder/decoder: on-the-
fly correction (4 bytes of a 512-byte block)
– Flash identification support
– Up to 21 Mbyte/s for read and 11 Mbyte/s
for write operations in dual channel
■
Embedded ST7 8-bit MCU
■
Supply management
– 3.3V operation
– Integrated 3.3 -1.8 V voltage regulator
■
USB 2.0 low-power device compliant
– Less than 100 mA during write operation
with two NAND Flash devices
– Less than 500 µA in suspend mode
■
Clock management
– Integrated PLL for generating core and
USB 2.0 clock sources using external
12 MHz crystal
■
AutoRun CDROM partition support
■
Data protection
– Write protect switch control
– Public/Private partitions support
■
Bootability support (HDD mode)
■
Production tool device configurability:
– USB vendor ID/product ID (VID/PID), serial
number and USB strings with foreign
language support
–SCSI strings
– One or two LED outputs
– Adjustable NAND Flash bus frequency to
reach highest performance
■
Code update in the NAND Flash
■
LQFP64 10x10 lead-free package
■
Development support
– Complete reference design including
schematics, BOM and gerber files
■
Supports Windows (Vista, XP, 2000, ME),
Linux and MacOS. Drivers available for
Windows 98 SE
LQFP64 10x10
Table 1.
Device summary
Features
Orderable part numbers
ST72682/R20
ST72682/R21
USB interface
USB 2.0 high speed
Number of NAND devices supported
up to 8
Read/write speed
21MBps/11MBps
Operating supply
3.0 to 3.6 V
Operating Temperature
0°C to +70°C
Package
LQFP64 10x10 / die form
www.st.com


Similar Part No. - ST72682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
20-May-2005
ST72681 STMICROELECTRONICS-ST72681 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681/R20 STMICROELECTRONICS-ST72681/R20 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681/R21 STMICROELECTRONICS-ST72681/R21 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
More results

Similar Description - ST72682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
20-May-2005
logo
SMSC Corporation
USB97C242 SMSC-USB97C242 Datasheet
164Kb / 22P
USB 2.0 Flash Drive Controller
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
Taiwan Memory Technolog...
5212 TMT-5212 Datasheet
1Mb / 7P
USB High Speed Flash Controller
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
High-Speed USB Flash Disk Controller
I5128-L TMT-I5128-L Datasheet
379Kb / 9P
High-Speed USB Flash Disk Controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com