Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 16Page - STMicroelectronics ST72682 Datasheet HTML 17Page - STMicroelectronics ST72682 Datasheet HTML 18Page - STMicroelectronics ST72682 Datasheet HTML 19Page - STMicroelectronics ST72682 Datasheet HTML 20Page - STMicroelectronics ST72682 Datasheet HTML 21Page - STMicroelectronics ST72682 Datasheet HTML 22Page - STMicroelectronics ST72682 Datasheet HTML 23Page - STMicroelectronics ST72682 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Electrical characteristics
ST72682
20/36
7.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 5.
Figure 5.
Pin input voltage
7.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the Device. This is a stress rating only and functional operation of the Device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
VIN
DEVICE PIN
Table 8.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD33 - VSS
Supply voltage
4.0
V
VIN
(1)(2)
1.
Directly connecting the RESET and I/O pins to VDD33 or VSS could damage the Device if an unintentional
internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a
corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up
or pull-down resistor (typical: 4.7k
Ω for RESET, 10kΩ for I/Os). For the same reason, unused I/O pins must
not be directly tied to VDD33 or VSS.
2.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise
refer to IINJ(PIN) specification. A positive injection is induced by VIN>VDD33 while a negative injection is
induced by VIN<VSS.
Input voltage on any other pin
VSS−0.3 to
VDD33+0.3
V
VESD(HBM)
Electrostatic discharge voltage (Human Body
Model)
see Section 7.6.3: Absolute
Maximum Ratings (Electrical
Sensitivity)
Table 9.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD33
Total current into VDD33 power lines (source)
(1)
1.
All power supply (VDD33) and ground (VSS) lines must always be connected to the external supply.
200
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
200
IIO
(2)
2.
Refer to Table 6 for the output drive capability of each of the I/Os.
Output current sunk by any I/O D2 type
25
Output current sunk by any I/O D4 type
35
Output current sunk by any I/O D8 type
50
Output current source by any I/Os and control pin
−25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com