Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 6Page - STMicroelectronics ST72682 Datasheet HTML 7Page - STMicroelectronics ST72682 Datasheet HTML 8Page - STMicroelectronics ST72682 Datasheet HTML 9Page - STMicroelectronics ST72682 Datasheet HTML 10Page - STMicroelectronics ST72682 Datasheet HTML 11Page - STMicroelectronics ST72682 Datasheet HTML 12Page - STMicroelectronics ST72682 Datasheet HTML 13Page - STMicroelectronics ST72682 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Pin description
ST72682
10/36
22
NAND CE4
O
TT
D4 NAND enable 4
49
NAND RnB
I
TT
D2 NAND Ready/Busy
48
NAND WP
O
TT
D2 NAND Write Protect
47
READ ONLY
I
TT
D2 Read-only switch (“0”: Read/Write; “1”: Read only)
EEPROM SCL
O
TT
D2 EEPROM serial clock
37
LED2
O
TT
D8 Green LED (USB access)
36
LED1
O
TT
D8 Red LED (NAND access)
Table 6.
General Purpose I/O ports / Mass Storage I/Os (continued)
Pin
Pin name
Level
Main
function
(after reset)
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com