Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 4Page - STMicroelectronics ST72682 Datasheet HTML 5Page - STMicroelectronics ST72682 Datasheet HTML 6Page - STMicroelectronics ST72682 Datasheet HTML 7Page - STMicroelectronics ST72682 Datasheet HTML 8Page - STMicroelectronics ST72682 Datasheet HTML 9Page - STMicroelectronics ST72682 Datasheet HTML 10Page - STMicroelectronics ST72682 Datasheet HTML 11Page - STMicroelectronics ST72682 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Pin description
ST72682
8/36
Table 2.
Power supply pins
Pin
Pin name
Description
LQFP64
64
VSS_1
S Ground
63
VDD33_1
S I/Os and regulator supply voltage
45
VSS_2
S Ground
44
VDD33_2
S I/Os and regulator supply voltage
33
VSS_3
S Ground
32
VDD33_3
S I/Os and regulator supply voltage
18
VSS_4
S Ground
19
VDD33_4
S I/Os and regulator supply voltage
54
VSS_5
S Ground
53
VDD33_5
S I/Os and regulator supply voltage
17
VDDOUSB
O USB2 PHY, OSC and PLL power supply output (1.8V)
Table 3.
Control and system
Pin
Pin name
Level
Description
LQFP64
41
RESET
I/O 3.3 CT
Reset input with filter with internal pull-up
Table 4.
USB 2.0 Interface
Pin
Pin name
Description
LQFP64
16
VDDBL
S
Supply voltage for buffers and deserialisation flip flops (1.8 V)
15
VSSBL
S
Ground for buffers and deserialisation flip flops (1.8 V)
14
USBDM
I/O USB2 DATA -
13
USBDP
I/O USB2 DATA +
12
VDD3
S
Supply voltage for the FS compliance (3.3 V)
11
VDDC
S
Supply voltage for DLL & XOR tree (1.8 V)
10
VSSC
S
Ground for DLL & XOR tree (1.8 V)
9
RREF
I/O
Ref. resistor for integrated impedance process adaptation
(11.3 kOhms 1% Pull Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com