Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 23Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 26Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 27Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 28Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 29Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD9913
Rev. 0 | Page 27 of 32
REGISTER BIT DESCRIPTIONS
The serial I/O port registers span an address range of 0 to 16
(0x00 to 0x10 in hexadecimal notation). This represents a total
of 17 registers. However, one of these registers (0x05) is unused,
yielding a total of 16 available registers.
The registers are not of uniform depth; each contains the
number of bytes necessary for its particular function.
Additionally, the registers are assigned names according to their
functionality. In some cases, a register is given a mnemonic
descriptor. For example, the register at Serial Address 0x00 is
named Control Function Register 1 and is assigned the
mnemonic CFR1.
The following section provides a detailed description of each bit
in the AD9913 register map. For cases in which a group of bits
serve a specific function, the entire group is considered as a
binary word and described in aggregate.
This section is organized in sequential order of the serial
addresses of the registers. Each subheading includes the register
name and optional register mnemonic (in parentheses). Also
given is the serial address in hexadecimal format and the
number of bytes assigned to the register.
Following each subheading is a table containing the individual
bit descriptions for that particular register. The location of the
bit(s) in the register are indicated by a single number or a pair
of numbers separated by a colon. A pair of numbers (A:B)
indicates a range of bits from the most significant (A) to the
least significant (B). For example, 5:2 implies Bit Position 5
down to Bit Position 2, inclusive, with Bit 0 identifying the LSB
of the register.
Unless otherwise stated, programmed bits are not transferred to
their internal destinations until the assertion of the I/O_UPDATE
pin or a profile change.
Control Function Register 1 (CFR1)
Address 0x00; 4 bytes are assigned to this register.
Table 10. Bit Description for CFR1
Bit(s)
Bit Name
Description
31:29
Open
Leave these bits at their default values.
This bit is ignored if linear sweep is disabled.
0 = the auxiliary accumulator is used for linear sweep generation.
28
Modulus Enable
1 = the auxiliary accumulator is used for programmable modulus.
27
Use Internal Profile
0 = profiles are controlled by profile pins; only valid in serial mode.
1 = profiles are controlled by CFR1 [22:20].
26
Match Pipeline Delays Active
0 = the latency across the auxiliary accumulator, the phase offset word, and phase
accumulator are matched.
1 = the latency across the auxiliary accumulator, the phase offset word, and phase
accumulator are not matched.
25:24
Open
Leave these bits at the default values.
0 = MSB first format is used.
23
LSB First
1 = LSB first format is used.
22:20
Internal Profile Control
Ineffective unless Bit 27 = 1. Default is 0002. Refer to the Linear Sweep Mode section for
details on how to program these registers during linear sweep, and refer to the Direct
Switch Mode section for details on how to program these registers in direct switch mode.
19
Sync Clock Disable
0 = the SYNC_CLK pin is active.
1 = the SYNC_CLK pin assumes a static Logic 0 state (disabled). In this state, the pin drive
logic is shut down, minimizing the noise generated by the digital circuitry.
18:17
Open
Leave these bits in their default values.
16
Direct Switch Mode Active
0 = direct switch mode is disabled.
1 = direct switch mode is enabled.
0 = normal operation of the auxiliary accumulator (default).
15
Clear Auxiliary Accumulator
1 = asynchronous, static reset of the auxiliary accumulator. The ramp accumulator remains
reset as long as this bit remains set. This bit is synchronized with either an I/O update or a
profile change and the next rising edge of SYNC_CLK.
0 = normal operation of the DDS phase accumulator (default).
14
Clear Phase Accumulator
1 = asynchronous, static reset of the DDS phase accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com