Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 26Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 27Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 28Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 29Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 31Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9913
Rev. 0 | Page 29 of 32
Control Function Register 2 (CFR2)
Address 0x01; 2 bytes are assigned to this register.
Table 11. Bit Descriptions for CFR2
Bit(s)
Bit Name
Description
15
PLL Output Div by 2
14:9
PLL Multiplication Factor
See
Table 7 for details on multiplication factor configuration.
8
Open
Leave this bit at the default state.
7
CMOS Clock Mode
See Table 6 for directions on programming this bit.
6
Crystal Clock Mode
See Table 6 for directions on programming this bit.
5
PLL Power-Down
0 = PLL is active
1 = PLL is inactive and in its lowest power state
4
PLL LO Range
0 = use this setting for PLL if the PLL reference frequency is >5 MHz.
1 = use this setting for PLL if the PLL reference frequency is <5 MHz.
3
PLL Input Div by 2
0 = the PLL reference frequency = the REF_CLK input frequency.
1 = the PLL reference frequency = ½ the REF_CLK input frequency.
2
0 = use this setting for VCO frequencies below 100 MHz and/or to optimize for power rather
than performance.
VCO2 Sel
1 = use this setting to optimize for performance; this setting results in slightly higher power
consumption. Note: When setting this bit, an IO_UPDATE must occur within 40
μs of the PLL
power-down bit (CFR2 [5]) going low.
1
PLL Reset
0 = the PLL logic is reset and non-operational until this bit is set.
1 = the PLL logic operates normally.
0
PLL Lock
This read-only bit is set when the REF_CLK PLL is locked.
DAC Control Register
Address 0x02; 4 bytes are assigned to this register.
Table 12. Bit Descriptions for DAC Control Register
Bit(s)
Bit Name
Description
15:14, 10
Open
Leave these bits at their default state.
9:0
FSC
This 10-bit number controls the full-scale output current of the DAC.
31:16,13:11
Reserved
Leave these bits at their default state.
Frequency Tuning Word Register (FTW)
Address 0x03, 4 bytes are assigned to this register.
Table 13. Bit Descriptions for FTW Register
Bit(s)
Bit Name
Description
31:0
Frequency Tuning Word
32-bit frequency tuning word.
Phase Offset Word Register (POW)
Address 0x04, 2 bytes are assigned to this register.
Table 14. Bit Descriptions for POW Register
Bit(s)
Bit Name
Description
15:14
Open
Leave these bits at their default state.
13:0
Phase Offset Word
14-bit phase offset word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com