Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9913
Rev. 0 | Page 10 of 32
−160
100
100M
FREQUENCY (MHz)
−60
−80
−140
1k
10k
100k
1M
10M
−100
VCO 1
VCO 2
−120
Figure 14. Absolute Phase Noise, VCO1 vs. VCO2
40
0
50
250
SYSTEM CLOCK FREQUENCY (MHz)
35
30
25
20
15
10
5
70
90
110
130
150
170
190
210
230
DVDD
AVDD (PLL)
AVDD (CLK)
AVDD (DAC)
AVDD (DAC CLK)
Figure 15. Power Supply Current Domains
(CMOS Input Mode, 4 mA DAC Full-Scale Current, Single Tone)
80
0
50
250
SYSTEM CLOCK FREQUENCY (MHz)
70
60
50
40
30
20
10
70
90
110
130
150
170
190
210
230
DIFF INPUT LINEAR SWEEP
CMOS INPUT LINEAR SWEEP
DIFF INPUT SINGLE TONE
CMOS INPUT SINGLE TONE
Figure 16. Power Dissipation vs. System Clock Frequency
vs. Clock Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com