Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9913
Rev. 0 | Page 7 of 32
Pin No.
Mnemonic
I/O
Description
26
PWR_DWN_CTL
I
External Power-Down, Digital Input (Active High). A high level on this pin initiates the currently
programmed power-down mode. See the Power-Down Features section for further details. If unused,
tie to ground.
27
IO_UPDATE
I
I/O Update; Digital Input. A high on this pin indicates a transfer of the contents of the I/O buffers to the
corresponding internal registers.
28
CS
I
Chip Select for Serial and Parallel Port. Digital input (active low). Bringing this pin low enables the
AD9913 to detect serial (SCLK) or parallel (PCLK) clock rising/falling edges. Bringing this pin high
causes the AD9913 to ignore input on the data pins.
29
SDIO(WR/RD)
I/O
Bidirectional Data Line for Serial Port Operation and Write/Read Enable for Parallel Port Operation.
30
SCLK/PCLK
I
Input Clock for Serial and Parallel Port.
31
ADR7/D7
I/O
Parallel Port Address Line 7 and Data Line 7.
32
ADR6/D6
I/O
Parallel Port Address Line 6 and Data Line 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com