Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 15Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 16Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9913
Rev. 0 | Page 15 of 32
Table 5. Determining the Direction of the Linear Sweep
Profile Pins [2:0] or CFR1 Bits [22:20]
Linear Sweep Mode
x001
Sweep off
x011
Ramp up
x101
Ramp down
x111
Bidirectional ramp
1 x = don’t care.
Note that if the part is used in parallel port programming mode,
the sweep mode is only determined by the internal profile
control bits, CFR1 [22:20]. If the part is used in serial port
programming mode, either the internal profile control bits or
the external profile select pins can work as the sweep control.
CFR1 [27] selects between these two approaches.
Setting the Slope of the Linear Sweep
The slope of the linear sweep is set by the intermediate step size
(delta tuning word) between S0 and E0 (see Figure 22) and the
time spent (sweep ramp rate word) at each step. The resolution
of the delta tuning word is 32 bits for frequency and 14 bits for
phase. The resolution for the delta ramp rate word is 16 bits.
In linear sweep mode, the user programs a rising delta word
(RDW, Register 0x07) and a rising sweep ramp rate (RSRR,
Register 0x08). These settings apply when sweeping from S0 to
E0. The falling delta word (FDW, Register 0x07) and falling
sweep ramp rate (FSRR, Register 0x08) apply when sweeping
from E0 to S0.
Note that if the auxiliary accumulator is allowed to overflow, an
uncontrolled, continuous sweep operation occurs. To avoid this,
the magnitude of the rising or falling delta word should be
smaller than the difference between full-scale and the E0 value
(full-scale − E0). For a frequency sweep, full-scale is 232 − 1. For
a phase sweep, full-scale is 214 − 1.
Figure 22 displays a linear sweep up and then down. This
depicts the dwell mode (see CRF1 [8]). If the no-dwell bit,
CFR1 [8], is set, the sweep accumulator returns to 0 upon
reaching E0.
S0
E0
TIME
RDW
FDW
RSRR
FSRR
Δf, p
Δf, p
Δt
Δt
Figure 22. Linear Sweep Mode
For a piecemeal or a nonlinear transition between S0 and E0,
the delta tuning words and ramp rate words can be reprogram-
med during the transition.
The formulas for calculating the step size of RDW or FDW are
SYSCLK
f
RDW
Step
Frequency
⎟
⎠
⎞
⎜
⎝
⎛
=
32
2
(MHz)
⎟
⎠
⎞
⎜
⎝
⎛ π
=
13
2
RDW
Step
Phase
(radians)
⎟
⎠
⎞
⎜
⎝
⎛
=
11
2
45RDW
Step
Phase
(degrees)
The formula for calculating delta time from RSRR or FSRR is
(
)
(Hz)
/
SYSCLK
f
RSRR
t =
Δ
At 250 MSPS operation, (fSYSCLK =250 MHz). The minimum time
interval between steps is 1/250 MHz × 1 = 4 ns. The maximum
time interval is (1/250 MHz) × 65,535= 262 μs.
Frequency Linear Sweep Example
In linear sweep mode, when sweeping from low to high, the
RDW is applied to the input of the auxiliary accumulator and
the RSRR register is loaded into the sweep rate timer.
The RDW accumulates at the rate given by the ramp rate
(RSRR) until the output equals the upper limit in the linear
sweep parameter register (Register 0x06). The sweep is then
complete.
When sweeping from high to low, the FDW is applied to the
input of the auxiliary accumulator and the FSRR register is
loaded into the sweep rate timer.
The FDW accumulates at the rate given by the ramp rate
(FSRR) until the output equals the lower limit in the linear
sweep parameter register value (Register 0x06). The sweep is
then complete. A phase sweep works in the same manner with
fewer bits.
To view sweep capabilities using the profile pins and the no-
dwell bit, refer to Figure 23, Figure 24, and Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com