Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 15Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 16Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 19Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 20Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9913
Rev. 0 | Page 17 of 32
E0
S0
PS[0]
PS[1]
BIDIRECTIONAL MODE (EDGE TRIGGERED)
NO-DWELL BIT = x
BIDIRECTIONAL MODE (LEVEL TRIGGERED)
NO-DWELL BIT = 0
NO-DWELL BIT = 1
E0
S0
PS[0]
PS[1]
E0
S0
PS[0]
PS[1]
Figure 24. Display of Bidirectional Ramp Capability
Using the External Profile Pins
COMBINATION OF MODES (EDGE TRIGGERED)
E0
S0
PS[0]
PS[1]
RAMP UP
MODE
RAMP UP
MODE
BIDIRECTIONAL
MODE
RAMP DOWN
MODE
Figure 25. Combination of Sweep Modes Using the External Profile Pins
Clear Functions
The AD9913 allows for a programmable continuous zeroing of
the sweep logic and the phase accumulator as well as clear-and-
release, or automatic zeroing function. Each feature is
individually controlled via bits in the control registers.
Continuous Clear Bits
The continuous clear bits are simply static control signals that
hold the respective accumulator (and associated logic) at zero
for the entire time the bit is active.
Clear-and-Release Function
The auto clear auxiliary accumulator bit, when active, clears and
releases the auxiliary accumulator upon receiving an
I/O_UPDATE or change in profile bits.
The auto clear phase accumulator, when active, clears and
releases the phase accumulator upon receiving a I/O_UPDATE
or a change in profile bits.
The automatic clearing function is repeated for every
subsequent I/O_UPDATE or change in profile bits until the
control bit is cleared.
These bits are programmed independently and do not have to
be active at the same time. For example, one accumulator may
be using the clear and release function while the other is
continuously cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com