Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ1 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9913/PCBZ1
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ1 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9913/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 26Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 27Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 28Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 29Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 31Page - Analog Devices AD9913/PCBZ1 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9913
Rev. 0 | Page 30 of 32
Linear Sweep Parameter Register
Address 0x06, 8 bytes are assigned to this register. This register is only effective if CFR1 [11] or CFR1 [28] are set. See the Auxiliary
Accumulator section.
Table 15. Bit Descriptions for Linear Sweep Limit Register
Bit(s)
Bit Name
Description
63:32
Sweep Parameter Word 0
32-bit linear sweep upper limit value. In modulus mode, these bits set the auxiliary
accumulator capacity
31:0
Sweep Parameter Word 1
32-bit linear sweep lower limit value. In modulus mode, these bits set the base FTW.
Linear Sweep Delta Parameter Register
Address 0x07, 8 bytes are assigned to this register. This register is only effective if CFR1 [11] or CFR1 [28] are set. See the Auxiliary
Accumulator section.
Table 16. Bit Descriptions for Linear Sweep Step Size Register
Bit(s)
Bit Name
Description
63:32
Falling Delta Word
32-bit linear sweep decrement step size value.
31:0
Rising Delta Word
32-bit linear sweep increment step size value. In modulus mode, these bits set the auxiliary
accumulator seed value.
Linear Sweep Ramp Rate Register
Address 0x08, 4 bytes are assigned to this register. This register is only effective if CFR1 [11] or CFR1 [28] are set. See the Auxiliary
Accumulator section.
Table 17. Bit Descriptions for Linear Sweep Rate Register
Bit(s)
Bit Name
Description
31:16
Falling Sweep Ramp Rate
16-bit linear sweep negative slope value that defines the time interval between decrement
values.
15:0
Rising Sweep Ramp Rate
16-bit linear sweep positive slope value that defines the time interval between increment
values.
Profile Registers
There are eight consecutive serial I/O addresses dedicated to device profiles. In normal operation, the active profile register is selected
using the external profile select pins.
Profile 0 to Profile 7—Single Tone Register
Address 0x09 to Address 0x10, 6 bytes are assigned to these registers.
Table 18. Bit Descriptions for Profile 0 to Profile 7 Single Tone Register
Bit(s)
Bit Name
Description
47:46
Open
Leave these bits at their default state.
45:32
Phase Offset Word
This 14-bit number controls the DDS phase offset.
31:0
Frequency Tuning Word
This 32-bit number controls the DDS frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com