Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-5
Note:
If an externally-supplied square wave voltage source is used, disable the internal oscillator circuit after
boot-up by setting XTLD (PCTL Register bit 2 = 1—see the DSP56321 Reference Manual). The external
square wave source connects to EXTAL and XTAL is not used. Figure 2-2 shows the EXTAL input signal.
2.4.3
Clock Generator (CLKGEN) and Digital PLL (DPLL)
Characteristics
4
EXTAL cycle time3
•
With DPLL disabled
•
With DPLL enabled
ETC
5.0 ns
5.0 ns
∞
62.5 ns
4.55 ns
4.55 ns
∞
62.5 ns
4.17 ns
4.17 ns
∞
62.5 ns
3.64 ns
3.64 ns
∞
62.5 ns
7
Instruction cycle time =
ICYC = ETC
•
With DPLL disabled
•
With DPLL enabled
ICYC
10 ns
5.0 ns
∞
1.6
µs
9.09 ns
4.55 ns
∞
1.6
µs
8.33 ns
4.17 ns
∞
1.6
µs
7.28 ns
3.64 ns
∞
1.6
µs
Notes:
1.
The rise and fall time of this external clock should be 2 ns maximum.
2.
Refer to Table 2-6 for a description of PDF and PDFR.
3.
Measured at 50 percent of the input transition.
4.
The indicated duty cycle is for the specified maximum frequency for which a part is rated. The minimum clock high or low time
required for correction operation, however, remains the same at lower operating frequencies; therefore, when a lower clock
frequency is used, the signal symmetry may vary from the specified duty cycle as long as the minimum high time and low time
requirements are met.
Figure 2-2.
External Input Clock Timing
Table 2-6.
CLKGEN and DPLL Characteristics
Characteristics
Symbol
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Predivision factor
PDF1
116
1
16116
1
16
—
Predivider output clock frequency range
PDFR
16
32
16
32
16
32
16
32
MHz
Total multiplication factor
2
MF
515
5
15515
5
15
—
Multiplication factor integer part
MFI1
515
5
15515
5
15
—
Multiplication factor numerator3
MFN
0
1270127
01270127
—
Multiplication factor denominator
MFD
1
128
1
128
1
128
1
128
—
Double clock frequency range
DDFR
160
400
160
440
160
480
160
550
MHz
Phase lock-in time4
DPLT
6.85
1506
6.85
1506
6.85
1506
6.85
1506
µs
Table 2-5.
External Clock Operation (Continued)
No.
Characteristics
Symbol
200 MHz
220 MHz
240 MHz
275 MHz
Min
Max
Min
Max
Min
Max
Min
Max
EXTAL
VILX
VIHX
Midpoint
Note:
The midpoint is 0.5 (VIHX + VILX).
ETH
ETL
ETC
3
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com