Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
DSP56321 Technical Data, Rev. 11
A-14
Freescale Semiconductor
Power Consumption Benchmark
M_Z EQU 2
; Zero
M_N EQU 3
; Negative
M_U EQU 4
; Unnormalized
M_E EQU 5
; Extension
M_L EQU 6
; Limit
M_S EQU 7
; Scaling Bit
M_I0 EQU 8
; Interupt Mask Bit 0
M_I1 EQU 9
; Interupt Mask Bit 1
M_S0 EQU 10
; Scaling Mode Bit 0
M_S1 EQU 11
; Scaling Mode Bit 1
M_SC EQU 13
; Sixteen_Bit Compatibility
M_DM EQU 14
; Double Precision Multiply
M_LF EQU 15
; DO-Loop Flag
M_FV EQU 16
; DO-Forever Flag
M_SA EQU 17
; Sixteen-Bit Arithmetic
M_CE EQU 19
; Instruction Cache Enable
M_SM EQU 20
; Arithmetic Saturation
M_RM EQU 21
; Rounding Mode
M_CP0 EQU 22
; bit 0 of priority bits in SR
M_CP1 EQU 23
; bit 1 of priority bits in SR
;
control and status bits in OMR
M_CDP EQU $300; mask for CORE-DMA priority bits in OMR
M_MA
equ0
; Operating Mode A
M_MB
equ1
; Operating Mode B
M_MC
equ2
; Operating Mode C
M_MD
equ3
; Operating Mode D
M_EBD EQU 4
; External Bus Disable bit in OMR
M_SD EQU 6
; Stop Delay
M_MS EQU 7
; Memory Switch bit in OMR
M_CDP0 EQU 8
; bit 0 of priority bits in OMR
M_CDP1 EQU 9
; bit 1 of priority bits in OMR
M_BEN
EQU 10
; Burst Enable
M_TAS
EQU 11
; TA Synchronize Select
M_BRT
EQU 12
; Bus Release Timing
M_ATE EQU 15
; Address Tracing Enable bit in OMR.
M_XYS EQU 16
; Stack Extension space select bit in OMR.
M_EUN EQU 17
; Extensed stack UNderflow flag in OMR.
M_EOV EQU 18
; Extended stack OVerflow flag in OMR.
M_WRP EQU 19
; Extended WRaP flag in OMR.
M_SEN EQU 20
; Stack Extension Enable bit in OMR.
;*************************************************************************
;
;
EQUATES for DSP56321 interrupts
;
;*************************************************************************
page
132,55,0,0,0
opt
mex
intequ
ident
1,0
if
@DEF(I_VEC)
;leave user definition as is.
else
I_VEC EQU $0
endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com