Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-27
2.4.10 Considerations For GPIO Use
The following considerations can be helpful when GPIO is used.
2.4.10.1 GPIO as Output
•
The time from fetch of the instruction that changes the GPIO pin to the actual change is seven core clock
cycles, if the instruction is a one-cycle instruction and there are no pipeline stalls or any other pipeline
delays.
•
The maximum rise or fall time of a GPIO pin is 13 ns (TTL levels, assuming that the maximum of 50 pF
load limit is met).
2.4.10.2 GPIO as Input
GPIO inputs are not synchronized with the core clock. When only one GPIO bit is polled, this lack of
synchronization presents no problem, since the read value can be either the previous value or the new value of the
corresponding GPIO pin. However, there is the risk of reading an intermediate state if:
•
Two or more GPIO bits are treated as a coupled group (for example, four possible status states encoded in
two bits).
•
The read operation occurs during a simultaneous change of GPIO pins (for example, the change of 00 to 11
may happen through an intermediate state of 01 or 10).
Therefore, when GPIO bits are read, the recommended practice is to poll continuously until two consecutive read
operations have identical results.
Figure 2-26.
TIO Timer Event Input Restrictions
Figure 2-27.
Timer Interrupt Generation
TIO
481
480
TIO (Input)
First Interrupt Instruction Execution
Address
486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com