Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-23
2.4.8
ESSI0/ESSI1 Timing
Table 2-12.
ESSI Timings
No.
Characteristics4, 6
Symbol Expression
200 MHz
220 MHz
240 MHz
275 MHz
Cond-
ition5
Unit
Min Max Min Max Min Max Min Max
430 Clock cycle1
TECCX
TECCI
6
× TC
8
× TC
30.0
40.0
—
—
27.3
36.6
—
—
25.0
33.3
—
—
21.5
25.0
—
—
x ck
i ck
ns
ns
431 Clock high period
•
For internal clock
•
For external clock
TECCX/2 – 3.7
TECCI/2 – 10.0
11.3
10.0
—
—
9.9
8.2
—
—
8.8
6.7
—
—
7.21
2.5
—
—
ns
ns
432 Clock low period
•
For internal clock
•
For external clock
TECCX/2 – 3.7
TECCI/2 −10.0
11.3
10.0
—
—
9.9
8.2
—
—
8.8
6.7
—
—
7.21
2.5
—
—
ns
ns
433 RXC rising edge to FSR out (bit-length)
high
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
434 RXC rising edge to FSR out (bit-length)
low
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
435 RXC rising edge to FSR out (word-
length-relative) high
2
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
436 RXC rising edge to FSR out (word-
length-relative) low2
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
437 RXC rising edge to FSR out (word-
length) high
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
438 RXC rising edge to FSR out (word-
length) low
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck a
ns
439 Data in setup time before RXC (SCK in
Synchronous mode) falling edge
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
x ck
i ck
ns
440 Data in hold time after RXC falling edge
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
x ck
i ck
ns
441 FSR input (bl, wr) high before RXC
falling edge
2
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
x ck
i ck a
ns
442 FSR input (wl) high before RXC falling
edge
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
x ck
i ck a
ns
443 FSR input hold time after RXC falling
edge
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
x ck
i ck a
ns
444 Flags input setup before RXC falling
edge
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
5.0
10.0
—
—
x ck
i ck s
ns
445 Flags input hold time after RXC falling
edge
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
3.8
5.0
—
—
x ck
i ck s
ns
446 TXC rising edge to FST out (bit-length)
high
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck
ns
447 TXC rising edge to FST out (bit-length)
low
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck
ns
448 TXC rising edge to FST out (word-
length-relative) high2
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck
ns
449 TXC rising edge to FST out (word-
length-relative) low2
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck
ns
450 TXC rising edge to FST out (word-
length) high
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
—
—
12.5
8.3
x ck
i ck
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com