Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
DSP56321 Technical Data, Rev. 11
1-14
Freescale Semiconductor
Signals/Connections
1.11 JTAG and OnCE Interface
The DSP56300 family and in particular the DSP56321 support circuit-board test strategies based on the IEEE®
Std. 1149.1™ test access port and boundary scan architecture, the industry standard developed under the
sponsorship of the Test Technology Committee of IEEE and the JTAG. The OnCE module provides a means to
interface nonintrusively with the DSP56300 core and its peripherals so that you can examine registers, memory, or
on-chip peripherals. Functions of the OnCE module are provided through the JTAG TAP signals. For programming
models, see the chapter on debugging support in the DSP56300 Family Manual.
Table 1-15.
JTAG/OnCE Interface
Signal
Name
Type
State During
Reset
Signal Description
TCK
Input
Input
Test Clock—A test clock input signal to synchronize the JTAG test logic.
TDI
Input
Input
Test Data Input—A test data serial input signal for test instructions and data.
TDI is sampled on the rising edge of TCK and has an internal pull-up resistor.
TDO
Output
Tri-stated
Test Data Output—A test data serial output signal for test instructions and
data. TDO is actively driven in the shift-IR and shift-DR controller states. TDO
changes on the falling edge of TCK.
TMS
Input
Input
Test Mode Select—Sequences the test controller’s state machine. TMS is
sampled on the rising edge of TCK and has an internal pull-up resistor.
TRST
Input
Input
Test Reset—Initializes the test controller asynchronously. TRST has an
internal pull-up resistor. TRST must be asserted during and after power-up
(see EB610/D for details).
DE
Input/ Output
Input
Debug Event—As an input, initiates Debug mode from an external command
controller, and, as an open-drain output, acknowledges that the chip has
entered Debug mode. As an input, DE causes the DSP56300 core to finish
executing the current instruction, save the instruction pipeline information,
enter Debug mode, and wait for commands to be entered from the debug
serial input line. This signal is asserted as an output for three clock cycles
when the chip enters Debug mode as a result of a debug request or as a result
of meeting a breakpoint condition. The DE has an internal pull-up resistor.
This signal is not a standard part of the JTAG TAP controller. The signal
connects directly to the OnCE module to initiate debug mode directly or to
provide a direct external indication that the chip has entered Debug mode. All
other interface with the OnCE module must occur through the JTAG port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com