Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
4-1
Design Considerations
4
This section describes various areas to consider when incorporating the DSP56321 device into a system design.
4.1 Thermal Design Considerations
An estimate of the chip junction temperature, TJ, in ° C can be obtained from this equation:
Equation 1:
Where:
TA
=
ambient temperature °C
RθJA
=
package junction-to-ambient thermal resistance °C/W
PD
=
power dissipation in package
Historically, thermal resistance has been expressed as the sum of a junction-to-case thermal resistance and a case-
to-ambient thermal resistance, as in this equation:
Equation 2:
Where:
RθJA
=
package junction-to-ambient thermal resistance °C/W
RθJC
=
package junction-to-case thermal resistance °C/W
RθCA
=
package case-to-ambient thermal resistance °C/W
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to change
the case-to-ambient thermal resistance, RθCA. For example, the user can change the air flow around the device, add
a heat sink, change the mounting arrangement on the printed circuit board (PCB) or otherwise change the thermal
dissipation capability of the area surrounding the device on a PCB. This model is most useful for ceramic packages
with heat sinks; some 90 percent of the heat flow is dissipated through the case to the heat sink and out to the
ambient environment. For ceramic packages, in situations where the heat flow is split between a path to the case
and an alternate path through the PCB, analysis of the device thermal performance may need the additional
modeling capability of a system-level thermal simulation tool.
The thermal performance of plastic packages is more dependent on the temperature of the PCB to which the
package is mounted. Again, if the estimates obtained from RθJA do not satisfactorily answer whether the thermal
performance is adequate, a system-level model may be appropriate.
A complicating factor is the existence of three common ways to determine the junction-to-case thermal resistance
in plastic packages.
•
To minimize temperature variation across the surface, the thermal resistance is measured from the junction
to the outside surface of the package (case) closest to the chip mounting area when that surface has a
proper heat sink.
T
J
T
A
P
D
RθJA
×
()
+
=
RθJA
RθJC RθCA
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com