Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button DSP56321 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56321 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
Power Consumption Considerations
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
4-3
•
Consider all device loads as well as parasitic capacitance due to PCB traces when you calculate
capacitance. This is especially critical in systems with higher capacitive loads that could create higher
transient currents in the VCC and GND circuits.
•
All inputs must be terminated (that is, not allowed to float) by CMOS levels except for the three pins with
internal pull-up resistors (TRST, TMS, DE).
•
The following pins must be asserted during the power-up sequence: RESET and TRST. A stable EXTAL
signal should be supplied before deassertion of RESET. If the VCC reaches the required level before
EXTAL is stable or other “required RESET duration” conditions are met (see Table 2-7), the device
circuitry can be in an uninitialized state that may result in significant power consumption and heat-up.
Designs should minimize this condition to the shortest possible duration.
•
Ensure that during power-up, and throughout the DSP56321 operation, VCCQH is always higher or equal to
the VCCQL voltage level.
•
If multiple DSP devices are on the same board, check for cross-talk or excessive spikes on the supplies due
to synchronous operation of the devices.
•
The Port A data bus (D[0–23]), HI08, ESSI0, ESSI1, SCI, and timers all use internal keepers to maintain the
last output value even when the internal signal is tri-stated. Typically, no pull-up or pull-down resistors
should be used with these signal lines. However, if the DSP is connected to a device that requires pull-up
resistors (such as an MPC8260), the recommended resistor value is 10 K
Ω or less. If more than one DSP
must be connected in parallel to the other device, the pull-up resistor value requirement changes as
follows:
—2 DSPs = 5 K
Ω (mask sets 0K91M and 1K91M)/7 KΩ (mask set 0K93M) or less
—3 DSPs = 3 K
Ω (mask sets 0K91M and 1K91M)/4 KΩ (mask set 0K93M) or less
—4 DSPs = 2 K
Ω (mask sets 0K91M and 1K91M)/3 KΩ (mask set 0K93M) or less
—5 DSPs = 1.5 K
Ω (mask sets 0K91M and 1K91M)/2 KΩ (mask set 0K93M) or less
—6 DSPs = 1 K
Ω (mask sets 0K91M and 1K91M)/1.5 KΩ (mask set 0K93M) or less
Note:
Refer to EB610/D DSP56321/DSP56321T Power-Up Sequencing Guidelines for detailed information
about minimizing power consumption during startup.
4.3 Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors affecting current consumption
are described in this section. Most of the current consumed by CMOS devices is alternating current (ac), which is
charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by this formula:
Equation 3:
Where:
C
=
node/pin capacitance
V
=
voltage swing
f
=
frequency of node/pin toggle
Example 4-1. Current Consumption
For a Port A address pin loaded with 50 pF capacitance, operating at 3.3 V, with a 66 MHz clock, toggling at its maximum possible rate (33
MHz), the current consumption is expressed in Equation 4.
IC
V
f
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com