Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
ADL8113
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 26 of 37
Figure 78. OIP2 vs. Frequency for Various Supply Voltages,
10MHz to 200MHz, IDQ = 110mA
Figure 79. Output Third-Order Intermodulation (IM3) vs. POUT per Tone for
Various Frequencies, VDD = 5V, IDQ = 110mA
Figure 80. IDQ vs. Bias Resistor Signal (RBIAS) for Various Supply Voltages,
0Ω to 2.0kΩ
Figure 81. OIP2 vs. Frequency for Various Supply Voltages,
200MHz to 14GHz, IDQ = 110mA
Figure 82. IDQ vs. Supply Voltage,
RBIAS = 280Ω
Figure 83. IDQ vs. RBIAS for Various Supply Voltages,
2kΩ to 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com