Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
ADL8113
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 28 of 37
INTERNAL BYPASS MODE
Figure 86. Insertion Loss and Return Loss vs. Frequency,
10MHz to 16GHz
Figure 87. Input Return Loss vs. Frequency for Various Temperatures,
10MHz to 16GHz
Figure 88. RFIN to OUT A Isolation vs. Frequency for Various Temperatures,
10MHz to 16GHz
Figure 89. Insertion Loss vs. Frequency for Various Temperatures,
10MHz to 16GHz
Figure 90. Output Return Loss vs. Frequency for Various Temperatures,
10MHz to 16GHz
Figure 91. RFIN to OUT_B Isolation vs. Frequency for Various Temperatures,
10MHz to 16GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com