Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8113ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADL8113
analog.com
Rev. 0 | 3 of 37
SPECIFICATIONS
0.01GH
z TO 200MHz FREQUENCY RANGE
Amplifier drain bias voltage (VDD1) = +5V, quiescent drain supply current (IDQ) = 110mA, switch negative bias voltage (VSS2) = −3.3V, switch
positive supply voltage (VDD2) = +3.3V, and TCASE = 25°C, unless otherwise noted.
Table 1. 0.01GHz to 200MHz Frequency Range Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
0.01
200
MHz
INTERNAL AMPLIFIER MODE
Small Signal Gain
12.5
14.5
dB
Gain Flatness
±0.5
dB
Input Return Loss (S11)
12.4
dB
Output Return Loss (S22)
11.5
dB
Output 1dB Compression (OP1dB)
17.5
19.5
dBm
Output Third-Order Intercept (OIP3)
Measurement taken at output power
(POUT) per tone = 5dBm
37.7
dBm
Output Second-Order Intercept (OIP2)
Measurement taken at POUT per tone =
5dBm
48.2
dBm
Noise Figure
7
dB
INTERNAL BYPASS SWITCH MODE
Insertion Loss
1.8
dB
S11
19
dB
S22
19
dB
Input P1dB Compression (IP1dB)
28
dBm
Input P0.1dB Compression (IP0.1dB)
27.5
dBm
Input Third-Order Intercept (IIP3)
Measurement taken at input power (PIN)
per tone = 14dBm
50
dBm
EXTERNAL BYPASS A MODE
Insertion Loss
RFIN to OUT_A or IN_A to RFOUT
0.9
dB
S11
Looking into RFIN
24
dB
Looking into IN_A
24
dB
Looking into IN_B
1
dB
S22
Looking into RFOUT
24
dB
Looking into OUT_A
24
dB
Looking into OUT_B
1
dB
IP1dB
RFIN to OUT_A or IN_A to RFOUT
28
dBm
IP0.1dB
RFIN to OUT_A or IN_A to RFOUT
27.5
dBm
IIP3
RFIN to OUT_A or IN_A to RFOUT;
measurement taken at PIN per tone =
14dBm
50
dBm
EXTERNAL BYPASS B MODE
Insertion Loss
RFIN to OUT_B or IN_B to RFOUT
0.9
dB
S11
Looking into RFIN
24
dB
Looking into IN_A
1
dB
Looking into IN_B
24
dB
S22
Looking into RFOUT
24
dB
Looking into OUT_A
1
dB
Looking into OUT_B
24
dB
IP1dB
RFIN to OUT_B or IN_B to RFOUT
28
dBm
IP0.1dB
RFIN to OUT_B or IN_B to RFOUT
27.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com