Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Data Sheet
ADL8113
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 37
RECOMMENDED POWER MANAGEMENT
CIRCUIT
Figure 122 shows a recommended power management circuit that
uses MAX1697 inverting charge pump, MAX17651 linear regulator,
and LT3042 linear regulator. The LT3042 linear regulator is used to
step down the 12V input voltage to a low noise 5V output to the
VDD PA pin of the ADL8113 evaluation board.
The output voltage (VOUT) for the LT3042 is set by the R4 resistor
connected to the SET pin, according to the following equation:
R4 = (VOUT/100μA)
(1)
The PGFB resistors (R5 and R6) are chosen to trigger the power-
good (PG) signal when the output is just under 95% of the target
voltage of 5V. The output of the LT3042 has 1% initial tolerance
and another 1% variation over temperature. The PGFB tolerance is
roughly 3% over temperature and by adding resistors it results in a
bit more (5%); therefore, putting 5% between the output and PGFB
works well. In addition, the PG open collector is pulled up to the 5V
output to give a convenient 0V to 5V voltage range.
The MAX17651 linear regulator is used to provide a +3.3V input
voltage to the MAX1697 inverting charge pump and a +3.3V output
voltage to the VDD_SW pin of the ADL8113 evaluation board. The
switching frequency for the MAX1697 is set to 250kHz by the 1μF
capacitor, which sets the minimum output resistance to 12Ω. The
MAX1697 data sheet provides a table of capacitor values that can
be used to select other switching frequencies ranging from 12kHz
to 250kHz.
The output voltage (VOUT) for the MAX17651 is set by the R1 and
R2 resistors connected to the OUT and FB pins, according to the
following equation:
R1 = R2 × (((Input Voltage (VIN)/VOUT) − 1))
Figure 122. Power Management Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com