Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
ADL8113
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 37
Figure 3. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Amplifier Drain Bias Voltage. See Figure 4 for the interface schematic.
2
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDD1 to set IDQ. See Figure 5 for the
interface schematic.
3, 5, 8, 10 to 12, 14, 17, 19 to 22, 24 to 26, 28 GND
RF and DC Ground. See Figure 6 for the interface schematic.
4
RFIN
RF Input. The RFIN pin is DC-coupled and matched to 50Ω. A DC blocking capacitor is required if the
RF line potential is not equal to 0V DC. See Figure 7 for the interface schematic.
6, 7
VA , VB
Switch Control Inputs. See Figure 8 and Figure 9 for the interface schematics.
9, 13
OUT_B, IN_B
External Bypass Path B. The OUT_B and IN_B pins are DC-coupled and matched to 50Ω. A DC
blocking capacitor is required if the RF line potential is not equal to 0V DC. See Figure 7 for the
interface schematic.
15
VSS2
Switch Negative Bias Voltage.
16
VDD2
Switch Positive Bias Voltage.
18
RFOUT
RF Output. The RFOUT pin is DC-coupled and matched to 50Ω. A DC blocking capacitor is required if
the RF line potential is not equal to 0V DC. See Figure 7 for the interface schematic
23, 27
IN_A, OUT_A
External Bypass Path A. The IN_A and OUT_A pins are DC-coupled and matched to 50Ω. A DC
blocking capacitor is required if the RF line potential is not equal to 0V DC. See Figure 7 for the
interface schematic.
EPAD
Exposed Ground Pad. The exposed pad must be connected to RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com