Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
ADL8113
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 37
DC SPECIFICATIONS
Table 6. Power Supplies
Parameter
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VDD1
3.0
5.0
6.0
V
VDD2
3.0
3.3
3.6
V
VSS2
−3.6
−3.3
−3.0
V
SUPPLY CURRENT
Total Current (IDQ) at 5V
110
mA
Amplifier Current (IDQ_AMP)
105
mA
RBIAS Current (IRBIAS)
5
mA
Switch Positive Bias Current (IDD2)
4
μA
Switch Negative Bias Current (ISS2)
−200
μA
Table 7. Logic Control Voltage (VA and VB)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
Low
<1μA typical current
0
0.8
V
High
<35μA typical current
1.2
VDD2
V
SWITCHING CHARACTERISTICS
Internal Amplifier Mode
Rise (tRISE) Time and Fall Time (tFALL)
10% to 90% of RF output
3
ns
On Time (tON) and Off Time (tOFF)
50% control voltage (VA or VB) to 90% of
RF output
17
ns
Internal Bypass Mode
tRISE and tFALL
10% to 90% of RF output
4
ns
tON and tOFF
50% control voltage (VA or VB) to 90% of
RF output
16
ns
External Bypass A and External Bypass B Modes
tRISE and tFALL
10% to 90% of RF output
3
ns
tON and tOFF
50% control voltage (VA or VB) to 90% of
RF output
16
ns
RF SETTLING TIME
Internal Amplifier Mode
0.1dB
50% VA or VB to 0.1dB of final RF output
45
μs
0.05dB
50% VA or VB to 0.05dB of final RF
output
125
μs
Internal Bypass Mode
0.1dB
50% VA or VB to 0.1dB of final RF output
50
ns
0.05dB
50% VA or VB to 0.05dB of final RF
output
60
ns
External Bypass A and External Bypass B Modes
0.1dB
50% VA or VB to 0.1dB of final RF output
50
ns
0.05dB
50% VA or VB to 0.05dB of final RF
output
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com