Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8113ACCZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADL8113ACCZ-R7
Description  10MHz to 12GHz Low Noise Amplifier with 10MHz to 14GHz Bypass Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8113ACCZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADL8113ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADL8113ACCZ-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
ADL8113
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 37
The basic connections for operating the ADL8113 are shown in
Figure 120. A 5V DC bias is supplied to the amplifier via VDD PA.
The bias current of the amplifier is set by a resistor (R1) connected
between RBIAS and VDD PA. Table 13 details various RBIAS values
vs. IDQ, IDQ_AMP, and IRBIAS for a given 5V DC operation. Do not
leave RBIAS open.
Figure 120. ADL8113 Basic Connections and Evaluation Board Schematic
Table 13. Recommended RBIAS Values at VDD PA Voltage (VDD_PA) = 5V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
121
130
125
5
187
120
115
5
280
110
105
5
360
100
95
5
470
90
85
5
619
80
76
4
787
70
66
4
1050
60
57
3
Power for the two SP4T switches comes from the +3.3V and −3.3V
applied to the VDD_SW and VSS pins, respectively.
The VA and VB digital inputs, signal path states are detailed in
Table 12. A high logic state is between 1.2V and 3.3V, and a low
logic state is between 0.8V and 0V.
Figure 121 shows the time domain response at RFOUT to the
switching voltages on VA and VB when RFIN is driven by a steady
level of approximately 2.5dBm at 250MHz. Both of the external
bypass connection paths (External Bypass A and External Bypass
B) are left open. When VA and VB are low, the ADL8113 is in
internal amplifier mode. When VA and VB are high, the ADL8113
switches to internal bypass mode, and the output drops accordingly.
When VA and VB are nonsimultaneously low or high, the ADL8113
switches to either External Bypass A or External Bypass B because
these two paths are left open; therefore, no signal appears at the
output for both cases.
Figure 121. Time Domain Response of RFOUT to the Switching of the VA and
VB Voltages with a Continuous 2.5dBm RF Input
RECOMMENDED TURN-ON AND TURN-OFF
BIAS SEQUENCING
Turn-On Bias Sequencing
The recommended bias sequence during power-up is as follows:
1. Set VDD_SW = 3.3V.
2. Set VSS = −3.3V.
3. Set VDD PA = 5V.
4. Set VA = 0V or 3.3V.
5. Set VB = 0V or 3.3V.
6. Apply the RF signal.
Turn-Off Bias Sequencing
The recommended bias sequence during power-down is as follows:
1. Turn off the RF signal.
2. Set VB = 0V
3. Set VA = 0V
4. Set VDD PA = 0V.
5. Set VSS = 0V.
6. Set VDD_SW = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com