Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 51Page - STMicroelectronics ST10F273E Datasheet HTML 52Page - STMicroelectronics ST10F273E Datasheet HTML 53Page - STMicroelectronics ST10F273E Datasheet HTML 54Page - STMicroelectronics ST10F273E Datasheet HTML 55Page - STMicroelectronics ST10F273E Datasheet HTML 56Page - STMicroelectronics ST10F273E Datasheet HTML 57Page - STMicroelectronics ST10F273E Datasheet HTML 58Page - STMicroelectronics ST10F273E Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 179 page
background image
ST10F273E
Interrupt system
55/179
When different sources submit an interrupt request, the enable bits (Byte High of XIRxSEL
register) define a mask which controls which sources will be associated with the unique
available vector. If more than one source is enabled to issue the request, the service routine
will have to take care to identify the real event to be serviced. This can easily be done by
checking the flag bits (Byte Low of XIRxSEL register). Note that the flag bits can also
provide information about events which are not currently serviced by the interrupt controller
(since masked through the enable bits), allowing an effective software management also in
absence of the possibility to serve the related interrupt request: a periodic polling of the flag
bits may be implemented inside the user application.
Figure 7.
X-Interrupt basic structure
The
Table 30 summarizes the mapping of the different interrupt sources which shares the
four X-interrupt vectors.
Table 30.
X-Interrupt detailed mapping
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 interrupt
x
x
CAN2 interrupt
x
x
I2C receive
x
x
x
I2C transmit
x
x
x
I2C error
x
SSC1 receive
x
x
x
SSC1 transmit
x
x
x
SSC1 error
x
ASC1 receive
x
x
x
ASC1 transmit
x
x
x
ASC1 transmit buffer
x
x
x
ASC1 error
x
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.XPxIR (x = 0, 1, 2, 3)
7
0
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com