Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 34Page - STMicroelectronics ST10F273E Datasheet HTML 35Page - STMicroelectronics ST10F273E Datasheet HTML 36Page - STMicroelectronics ST10F273E Datasheet HTML 37Page - STMicroelectronics ST10F273E Datasheet HTML 38Page - STMicroelectronics ST10F273E Datasheet HTML 39Page - STMicroelectronics ST10F273E Datasheet HTML 40Page - STMicroelectronics ST10F273E Datasheet HTML 41Page - STMicroelectronics ST10F273E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 179 page
background image
Internal Flash memory
ST10F273E
38/179
5.5.5
Flash non volatile access protection register 1 low
FNVAPR1L (0x0E DFBC)
NVR
Delivery value: FFFFh
5.5.6
Flash non volatile access protection register 1 high
FNVAPR1H (0x0E DFBE)
NVR
Delivery value: FFFFh
5.5.7
Access protection
The I-Flash module has one level of access protection (access to data both in Reading and
Writing): if bit ACCP of FNVAPR0 is programmed at 0, the I-Flash module becomes access
protected: data in the I-Flash module can be read only if the current execution is from the I-
Flash module itself.
Protection can be permanently disabled by programming bit PDS0 of FNVAPR1H, in order
to analyze rejects. Protection can be permanently enabled again by programming bit PEN0
of FNVAPR1L. The action to disable and enable again Access Protections in a permanent
way can be executed a maximum of 16 times.
Trying to write into the access protected Flash from internal RAM or external memories will
be unsuccessful. Trying to read into the access protected Flash from internal RAM or
external memories will output a dummy data (software trap 0x009Bh).
When the Flash module is protected in access, also the data access through PEC of a
peripheral is forbidden. To read/write data in PEC mode from/to a protected bank, first it is
necessary to temporarily unprotect the Flash module.
In the following table a summary of all levels of possible Access protection is reported: in
particular, supposing to enable all possible access protections, when fetching from a
15
14
13
12
11
10
987
6543
210
PDS15 PDS14 PDS13 PDS12 PDS11 PDS10 PDS9 PDS8 PDS7 PDS6 PDS5 PDS4 PDS3 PDS2 PDS1 PDS0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 22.
Flash non volatile access protection register 1 low
Bit
Function
PDS(15:0)
Protections disable 15-0
If bit PDSx is programmed at 0 and bit PENx is erased at 1, the action of bit ACCP is disabled. Bit
PDS0 can be programmed at 0 only if both bits DBGP and ACCP have already been programmed
at 0. Bit PDSx can be programmed at 0 only if bit PENx-1 has already been programmed at 0.
15
14
13
12
11
10
987
654
321
0
PEN15 PEN14 PEN13 PEN12 PEN11 PEN10 PEN9 PEN8 PEN7 PEN6 PEN5 PEN4 PEN3 PEN2 PEN1 PEN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 23.
Flash non volatile access protection register 1 high
Bit
Function
PEN15-0
Protections enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, the action of bit ACCP is enabled
again. Bit PENx can be programmed at 0 only if bit PDSx has already been programmed at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com