Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 31Page - STMicroelectronics ST10F273E Datasheet HTML 32Page - STMicroelectronics ST10F273E Datasheet HTML 33Page - STMicroelectronics ST10F273E Datasheet HTML 34Page - STMicroelectronics ST10F273E Datasheet HTML 35Page - STMicroelectronics ST10F273E Datasheet HTML 36Page - STMicroelectronics ST10F273E Datasheet HTML 37Page - STMicroelectronics ST10F273E Datasheet HTML 38Page - STMicroelectronics ST10F273E Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 179 page
background image
ST10F273E
Internal Flash memory
35/179
5.4.10
Flash address register high
FARH (0x0E 0012)
FCR
Reset value: 0000h
5.4.11
Flash error register
Flash Error register, as well as all the other Flash registers, can be properly read only once
LOCK bit of register FCR0L is low. Nevertheless, its content is updated when also BSYx bits
are reset as well; for this reason, it is definitively meaningful reading FER register content
only when LOCK bit and BSYx bits are cleared.
FER (0xE 0014h)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8765
4321
0
reserved
ADD20 ADD19 ADD18 ADD17 ADD16
RW
RW
RW
RW
RW
Table 17.
Flash address register high
Bit
Function
ADD(20:16)
Address 20:16
These bits must be written with the Address of the Flash location to program in the following
operations: Word Program and Double Word Program.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
WPF RESER SEQER
reserved
10ER
PGER
ERER
ERR
RC
RC
RC
RC
RC
RC
RC
Table 18.
Flash error register
Bit
Function
ERR
Write error
This bit is automatically set when an error occurs during a Flash write operation or when a bad
write operation setup is done. Once the error has been discovered and understood, ERR bit must
be software reset.
ERER
Erase error
This bit is automatically set when an Erase error occurs during a Flash write operation. This error
is due to a real failure of a Flash cell, that can no more be erased. This kind of error is fatal and the
sector where it occurred must be discarded. This bit has to be software reset.
PGER
Program error
This bit is automatically set when a Program error occurs during a Flash write operation. This error
is due to a real failure of a Flash cell, that can no more be programmed. The word where this error
occurred must be discarded. This bit has to be software reset.
10ER
1 over 0 error
This bit is automatically set when trying to program at 1 bits previously set at 0 (this does not
happen when programming the Protection bits). This error is not due to a failure of the Flash cell,
but only flags that the desired data has not been written. This bit has to be software reset.
SEQER
Sequence error
This bit is automatically set when the control registers (FCR1H/L-FCR0H/L, FARH/L, FDR1H/L-
FDR0H/L) are not correctly filled to execute a valid Write Operation. In this case no Write
Operation is executed. This bit has to be software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com