Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 43Page - STMicroelectronics ST10F273E Datasheet HTML 44Page - STMicroelectronics ST10F273E Datasheet HTML 45Page - STMicroelectronics ST10F273E Datasheet HTML 46Page - STMicroelectronics ST10F273E Datasheet HTML 47Page - STMicroelectronics ST10F273E Datasheet HTML 48Page - STMicroelectronics ST10F273E Datasheet HTML 49Page - STMicroelectronics ST10F273E Datasheet HTML 50Page - STMicroelectronics ST10F273E Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 179 page
background image
ST10F273E
Central processing unit (CPU)
47/179
7.1
Multiplier-accumulator unit (MAC)
The MAC coprocessor is a specialized coprocessor added to the ST10 CPU Core in order to
improve the performances of the ST10 Family in signal processing algorithms.
The standard ST10 CPU has been modified to include new addressing capabilities which
enable the CPU to supply the new coprocessor with up to 2 operands per instruction cycle.
This new coprocessor (so-called MAC) contains a fast multiply-accumulate unit and a repeat
unit.
The coprocessor instructions extend the ST10 CPU instruction set with multiply, multiply-
accumulate, 32-bit signed arithmetic operations.
Figure 6.
MAC unit architecture
Operand 2
Operand 1
Control Unit
Repeat unit
ST10 CPU
Interrupt
controller
MSW
MRW
MAH
MAL
MCW
Flags MAE
Mux
8-bit left/right
shifter
Mux
Mux
Sign Extend
16 x 16
Concatenation
signed/unsigned
multiplier
40-bit signed arithmetic unit
0h
0h
08000h
40
16
40
40
32
32
16
40
40
40
40
40
Scaler
AB
40
GPR Pointers *
IDX0 pointer
IDX1 pointer
QR0 GPR offset register
QR1 GPR offset register
QX0 IDX offset register
QX1 IDX offset register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com