Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 24Page - STMicroelectronics ST10F273E Datasheet HTML 25Page - STMicroelectronics ST10F273E Datasheet HTML 26Page - STMicroelectronics ST10F273E Datasheet HTML 27Page - STMicroelectronics ST10F273E Datasheet HTML 28Page - STMicroelectronics ST10F273E Datasheet HTML 29Page - STMicroelectronics ST10F273E Datasheet HTML 30Page - STMicroelectronics ST10F273E Datasheet HTML 31Page - STMicroelectronics ST10F273E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 179 page
background image
Internal Flash memory
ST10F273E
28/179
5.2.3
Low power mode
The Flash module is automatically switched off executing PWRDN instruction. The
consumption is drastically reduced, but exiting this state can require a long time (tPD).
Recovery time from Power down mode for the Flash modules is anyway shorter than the
main oscillator start-up time. To avoid any problem in restarting to fetch code from the Flash,
it is important to size properly the external circuit on RPD pin.
Note:
PWRDN instruction must not be executed while a Flash program/erase operation is in
progress.
5.3
Write operation
The Flash module have one single register interface mapped in the memory space 0x0E
0000 to 0x0E 0015. All the operations are enabled through four 16-bit control registers:
Flash Control Register 1-0 High/Low (FCR1H/L-FCR0H/L). Eight other 16-bit registers are
used to store Flash Address and Data for Program operations (FARH/L and FDR1H/L-
FDR0H/L) and Write Operation Error flags (FERH/L). All registers are accessible with 8 and
16-bit instructions (since operates in 16-bit mode when in read/ write).
Before accessing the Flash registers used for program/erasing operations, bit 5
(XFLASHEN) in XPERCON register shall be set.
The two banks have their own dedicated sense amplifiers, so that one bank can be read
while the other is written.
During a Flash write operation, any attempt to read the bank under modification will output
invalid data (software trap 009Bh). This means that the Flash bank is not fetchable when a
programming operation is active: The write operation commands must be executed from
another bank or from the other memory (internal RAM or external memory).
During a Write operation, when bit LOCK of FCR0 is set, it is forbidden to write into the
Flash Control Registers.
Table 6.
Control register interface
Name
Description
Addresses
Size
Bus
size
FCR1-0
Flash control registers 1-0
0x000E 0000 - 0x000E 0007
8 byte
16-bit
(XBUS)
FDR1-0
Flash data registers 1-0
0x000E 0008 - 0x000E 000F
8 byte
FAR
Flash address registers
0x000E 0010 - 0x000E 0013
4 byte
FER
Flash error register
0x000E 0014 - 0x000E 0015
2 byte
FNVWPIR
Flash non volatile protection I
register
0x000E DFB4 - 0x000E DFB7
4 byte
FNVAPR0
Flash Non volatile access
protection register 0
0x000E DFB8 - 0x000E DFB9
2 byte
FNVAPR1
Flash non volatile access
protection register 1
0x000E DFBC - 0x000E DFBF
4 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com