Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 17Page - STMicroelectronics ST10F273E Datasheet HTML 18Page - STMicroelectronics ST10F273E Datasheet HTML 19Page - STMicroelectronics ST10F273E Datasheet HTML 20Page - STMicroelectronics ST10F273E Datasheet HTML 21Page - STMicroelectronics ST10F273E Datasheet HTML 22Page - STMicroelectronics ST10F273E Datasheet HTML 23Page - STMicroelectronics ST10F273E Datasheet HTML 24Page - STMicroelectronics ST10F273E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 179 page
background image
ST10F273E
Functional description
21/179
3
Functional description
The architecture of the ST10F273E combines advantages of both RISC and CISC
processors and an advanced peripheral subsystem. The block diagram gives an overview of
the different on-chip components and the high bandwidth internal bus structure of the
ST10F273E.
Figure 3.
Block diagram
BRG
BRG
Port 6
Port 5
CPU-core and MAC unit
XCAN2
XSSC
XASC
XCAN1
XI2C
XRAM
2K
XRAM
32K (16K
STBY)
(PEC)
IFlash
512K
32
16
16
16
16 16
16 16
16
PEC
Interrupt controller
Port 3
Port 7
Port 8
16
Watchdog
IRAM
2K
16
XRTC
Oscillator
PLL
5V-1.8V
voltage
regulator
16
16
8
816
15
8
8
16
16
32 kHz
oscillator
XPWM
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com