Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 59Page - STMicroelectronics ST10F273E Datasheet HTML 60Page - STMicroelectronics ST10F273E Datasheet HTML 61Page - STMicroelectronics ST10F273E Datasheet HTML 62Page - STMicroelectronics ST10F273E Datasheet HTML 63Page - STMicroelectronics ST10F273E Datasheet HTML 64Page - STMicroelectronics ST10F273E Datasheet HTML 65Page - STMicroelectronics ST10F273E Datasheet HTML 66Page - STMicroelectronics ST10F273E Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 179 page
background image
ST10F273E
PWM modules
63/179
12
PWM modules
Two pulse width modulation modules are available on ST10F273E: standard PWM0 and
XBUS PWM1. They can generate up to four PWM output signals each, using edge-aligned
or centre-aligned PWM. In addition, the PWM modules can generate PWM burst signals and
single shot outputs. The
Table 39 and Table 40 show the PWM frequencies for different
resolutions. The level of the output signals is selectable and the PWM modules can
generate interrupt requests.
Figure 10.
Block diagram of PWM module
Table 39.
PWM unit frequencies and resolutions at 40 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
156.25 kHz
39.1 kHz
9.77 kHz
2.44Hz
610Hz
CPU Clock/64
1.6
µs
2.44 kHz
610Hz
152.6Hz
38.15Hz
9.54Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPUclock/1
25ns
78.12 kHz
19.53 kHz
4.88 kHz
1.22 kHz
305.2Hz
CPU clock/64
1.6
µs
1.22 kHz
305.17Hz
76.29Hz
19.07Hz
4.77Hz
Table 40.
PWM unit frequencies and resolutions at 64 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
15.6ns
250 kHz
62.5 kHz
15.63 kHz
3.91Hz
977Hz
CPU clock/64
1.0
µs
3.91 kHz
976.6Hz
244.1Hz
61.01Hz
15.26Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
15.6ns
125 kHz
31.25 kHz
7.81 kHz
1.95 kHz
488.3Hz
CPU clock/64
1.0
µs
1.95 kHz
488.28Hz
122.07Hz
30.52Hz
7.63Hz
PPx period register
Comparator
PTx
16-bit up/down counter
Shadow register
PWx pulse width register
Input
Run
control
Clock 1
Clock 2
Comparator
*
*
*
Up/down/
clear control
Match
Output control
Match
Write control
* User readable / writeable register
Enable
POUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com