Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 113Page - STMicroelectronics ST10F273E Datasheet HTML 114Page - STMicroelectronics ST10F273E Datasheet HTML 115Page - STMicroelectronics ST10F273E Datasheet HTML 116Page - STMicroelectronics ST10F273E Datasheet HTML 117Page - STMicroelectronics ST10F273E Datasheet HTML 118Page - STMicroelectronics ST10F273E Datasheet HTML 119Page - STMicroelectronics ST10F273E Datasheet HTML 120Page - STMicroelectronics ST10F273E Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 179 page
background image
ST10F273E
Register set
117/179
T1
FE52h
29h
CAPCOM timer 1 register
0000h
T1IC
b
FF9Eh
CFh
CAPCOM timer 1 interrupt control register
- - 00h
T1REL
FE56h
2Bh
CAPCOM timer 1 reload register
0000h
T2
FE40h
20h
GPT1 timer 2 register
0000h
T2CON
b
FF40h
A0h
GPT1 timer 2 control register
0000h
T2IC
b
FF60h
B0h
GPT1 timer 2 interrupt control register
- - 00h
T3
FE42h
21h
GPT1 timer 3 register
0000h
T3CON
b
FF42h
A1h
GPT1 timer 3 control register
0000h
T3IC
b
FF62h
B1h
GPT1 timer 3 interrupt control register
- - 00h
T4
FE44h
22h
GPT1 timer 4 register
0000h
T4CON
b
FF44h
A2h
GPT1 timer 4 control register
0000h
T4IC
b
FF64h
B2h
GPT1 timer 4 interrupt control register
- - 00h
T5
FE46h
23h
GPT2 timer 5 register
0000h
T5CON
b
FF46h
A3h
GPT2 timer 5 control register
0000h
T5IC
b
FF66h
B3h
GPT2 timer 5 interrupt control register
- - 00h
T6
FE48h
24h
GPT2 timer 6 register
0000h
T6CON
b
FF48h
A4h
GPT2 timer 6 control register
0000h
T6IC
b
FF68h
B4h
GPT2 timer 6 interrupt control register
- - 00h
T7
F050h
E
28h
CAPCOM timer 7 register
0000h
T78CON
b
FF20h
90h
CAPCOM timer 7 and 8 control register
0000h
T7IC
b
F17Ah
E
BDh
CAPCOM timer 7 interrupt control register
- - 00h
T7REL
F054h
E
2Ah
CAPCOM timer 7 reload register
0000h
T8
F052h
E
29h
CAPCOM timer 8 register
0000h
T8IC
b
F17Ch
E
BEh
CAPCOM timer 8 interrupt control register
- - 00h
T8REL
F056h
E
2Bh
CAPCOM timer 8 reload register
0000h
TFR
b
FFACh
D6h
Trap Flag register
0000h
WDT
FEAEh
57h
Watchdog timer register (read only)
0000h
WDTCON
b
FFAEh
D7h
Watchdog timer control register
00xxh 2)
XADRS3
F01Ch
E
0Eh
XPER address select register 3
800Bh
XP0IC
b
F186h
E
C3h
See
Section 9.1
- - 00h 3)
XP1IC
b
F18Eh
E
C7h
See
Section 9.1
- - 00h 3)
XP2IC
b
F196h
E
CBh
See
Section 9.1
- - 00h 3)
XP3IC
b
F19Eh
E
CFh
See
Section 9.1
- - 00h 3)
Table 53.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com