Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 125Page - STMicroelectronics ST10F273E Datasheet HTML 126Page - STMicroelectronics ST10F273E Datasheet HTML 127Page - STMicroelectronics ST10F273E Datasheet HTML 128Page - STMicroelectronics ST10F273E Datasheet HTML 129Page - STMicroelectronics ST10F273E Datasheet HTML 130Page - STMicroelectronics ST10F273E Datasheet HTML 131Page - STMicroelectronics ST10F273E Datasheet HTML 132Page - STMicroelectronics ST10F273E Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 179 page
background image
ST10F273E
Electrical characteristics
129/179
24.5
DC characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = –40°C to +125°C
Table 64.
DC characteristics
Symbol
Parameter
Test Condition
Limit Values
Unit
Min.
Max.
VIL
SR
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1, READY)
–
– 0.3
0.8
V
VILS
SR
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1, READY)
–
– 0.3
0.3 VDD
V
VIL1
SR Input low voltage RSTIN, EA, NMI, RPD
–
– 0.3
0.3 VDD
V
VIL2
SR Input low voltage XTAL1 (CMOS only)
Direct drive mode
– 0.3
0.3 VDD
V
VIL3
SR Input low voltage READY (TTL only)
–
– 0.3
0.8
V
VIH
SR
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
–2.0
VDD + 0.3
V
VIHS SR
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
–
0.7 VDD
VDD + 0.3
V
VIH1 SR Input high voltage RSTIN, EA, NMI, RPD
–
0.7 VDD
VDD + 0.3
V
VIH2 SR
Input high voltage XTAL1
(CMOS only)
Direct drive mode
0.7 VDD
VDD + 0.3
V
VIH3 SR
Input high voltage READY
(TTL only)
–2.0
VDD + 0.3
V
VHYS CC
Input hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
3)
400
700
mV
VHYSSCC
Input hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
3)
750
1400
mV
VHYS1CC Input hysteresis RSTIN, EA, NMI
3)
750
1400
mV
VHYS2CC Input hysteresis XTAL1
3)
0
50
mV
VHYS3CC Input hysteresis READY (TTL only)
3)
400
700
mV
VHYS4CC Input hysteresis RPD
3)
500
1500
mV
VOL
CC
Output low voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTIN, RSTOUT)
IOL = 8 mA
IOL = 1 mA
–
0.4
0.05
V
VOL1 CC
Output low voltage
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOL1 = 4 mA
IOL1 = 0.5 mA
–
0.4
0.05
V
VOL2 CC Output low voltage RPD
IOL2 = 85 µA
IOL2 = 80 µA
IOL2 = 60 µA
–
VDD
0.5 VDD
0.3 VDD
V
VOH
CC
Output high voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTOUT)
IOH = – 8 mA
IOH = – 1 mA
VDD – 0.8
VDD – 0.08
–V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com