Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 150Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 172 page
background image
Page 143
TMP86CS44UG
13.6 Precautions about AD Converter
13.6.1 Analog input pin voltage range
Make sure the analog input pins (AIN0 to AIN7) are used at voltages within AVDD to AVSS. If any voltage
outside this range is applied to one of the analog input pins, the converted value on that pin becomes uncertain.
The other analog input pins also are affected by that.
13.6.2 Analog input shared pins
The analog input pins (AIN0 to AIN7) are shared with input/output ports. When using any of the analog
inputs to execute AD conversion, do not execute input/output instructions for all other ports. This is necessary
to prevent the accuracy of AD conversion from degrading. Not only these analog input shared pins, some other
pins may also be affected by noise arising from input/output to and from adjacent pins.
13.6.3 Noise Countermeasure
The internal equivalent circuit of the analog input pins is shown in Figure 13-5. The higher the output
impedance of the analog input source, more easily they are susceptible to noise. Therefore, make sure the out-
put impedance of the signal source in your design is 5 k
Ω or less. Toshiba also recommends attaching a capac-
itor external to the chip.
Figure 13-5
Analog Input Equivalent Circuit and Example of Input Pin Processing
DA converter
AINi
Analog comparator
Internal resistance
Permissible signal
source impedance
Internal capacitance
5 k
Ω (typ)
C = 22 pF (typ.)
5 k
Ω (max)
Note) i = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com