Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 172 page
background image
Page 146
14. 8-Bit DA Converter (DAC)
14.1 Register Configuration
TMP86CS44UG
14.1.1 DA Converter Operation
An analog voltage reference is DAREF = (AVDD - AVSS).
1. Starting DA conversion operation
DA converter operation is activated by setting DACCR<DADRV0> to “1”. The digital value in
DACDR is converted into an analog value and is output from the DAO pin.
After resetting, DACCR and DACDR are cleared to “0”. The DA converter goes the power down.
(DAO analog level is 0 V.)
2. Logical expression for converted value
The relation between a digital value and analog output voltage in DACDR can be expressed in the fol-
lowing equation.
*DAREF = AVDD - AVSS
3. The relation between DA conversion result and Analog output voltage.
Figure 14-2 DA conversion result (8-bit digital) vs Analog output voltage
Note 1: Analog reference voltage
An analog voltage between AVDD and AVSS (= DAREF) is output in 8-bit resolution.
Make sure the analog referrence pins (AVDD, AVSS) are used at recomended operating condition.
It needs that these reference voltage are supplied from a stable power supply.
Note 2: Analog output pin
The analog output pin (DAO) is dedicated to analog output to ensure the precision and characteristics of
DA conversion. While DA conversion is being performed, do not execute input/output instructions on the
adjacent port. Otherwise, the precision of DA conversion may be adversely affected. Also note that DAO is
susceptible to noise (especially power supply noise) in some cases.
Note 3: Anti-noise measure
To ensure the characteristics of DA conversion, place a bypass capacitor between the AVDD and AVSS pins
as near to the IC as possible. It is recommended to use a tantalum capacitor (10
μF) and multilayer ceramic
capacitor (0.1
μF) in combination.
VOA
32 2
0
DAO0 2
1
DAO1 2
2
DAO2 2
3
DAO3 2
4
DAO4 2
5
DAO5 2
6
DAO6 2
7
DAO7
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
+
304
------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------- DAREF
×
=
01H 02H 03H
00H
FDHFEHFFH
FCH
DAREF
AVSS
AVDD
304
32 + 254
DAREF
304
32 + 255
DAREF
304
32 + 253
DAREF
304
32 + 252
DAREF
304
32 + 3
DAREF
304
32 + 2
DAREF
304
32 + 1
DAREF
304
32 + 0
Analog
output
voltage
Ideal conversion characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com