Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 172 page
background image
Page 145
TMP86CS44UG
14. 8-Bit DA Converter (DAC)
The TMP86CS44UG has 1-channel of 8-bit Digital to Analog (DA) converter.
Figure 14-1 8-bit DA converter (DAC)
14.1 Register Configuration
The DA converter are controlled by 2 registers; shown below.
1. DA converter control register (DACCR)
This register controls the analog output. It can be read and written.
2. DA converter data register (DACDR)
This register sets up the digital value conversion by DA converter. It can be read and written.
Note: It is set to power doen by setting DACCR<DADRV0> to “0”.
DA converter control register
DACCR
(002EH)
76543
210
–
“1”
–
–
–
–
DADRV0
–
(Initial value: 0100 0000)
DADRV0
Register conversion value
output
0: 0 V output (Power down)
1: DACDR conversion value output
R/W
DA converter data register
DACDR
(002FH)
76543
210
DAO7
DAO6
DAO5
DAO4
DAO3
DAO2
DAO1
DAO0
(Initial value: 0000 0000)
DAO7 to DAO0
DA converter digital data
R/W
(Analog reference voltage)
(Analog output)
DAO
AVDD
AVSS
8
DA converter data register (DACDR)
DA converter control register (DACCR)
8-bit DA converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com