Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 172 page
background image
Page 148
15. Key-on Wakeup (KWU)
15.3 Function
TMP86CS44UG
Also, each level of the STOP2 to STOP5 pins can be confirmed by reading corresponding I/O port data register,
check all STOP2 to STOP5 pins "H" that is enabled by STOPCR before the STOP mode is started (Note2,3).
Note 1: When the STOP mode released by the edge release mode (SYSCR1<RELM> = “0”), inhibit input from STOP2 to
STOP5 pins by Key-on Wakeup Control Register (STOPCR) or must be set "H" level into STOP2 to STOP5 pins
that are available input during STOP mode.
Note 2: When the STOP pin input is high or STOP2 to STOP5 pins input which is enabled by STOPCR is low, executing an
instruction which starts STOP mode will not place in STOP mode but instead will immediately start the release
sequence (Warm up).
Note 3: The input circuit of Key-on Wakeup input and Port input is separated, so each input voltage threshold value is dif-
ferent. Therefore, a value comes from port input before STOP mode start may be different from a value which is
detected by Key-on Wakeup input (Figure 15-2).
Note 4: STOP pin doesn’t have the control register such as STOPCR, so when STOP mode is released by STOP2 to
STOP5 pins, STOP pin also should be used as STOP mode release function.
Note 5: In STOP mode, Key-on Wakeup pin which is enabled as input mode (for releasing STOP mode) by Key-on
Wakeup Control Register (STOPCR) may generate the penetration current, so the said pin must be disabled AD
conversion input (analog voltage input).
Note 6: When the STOP mode is released by STOP2 to STOP5 pins, the level of STOP pin should hold "L" level (Figure
15-3).
Figure 15-2 Key-on Wakeup Input and Port Input
Figure 15-3 Priority of STOP pin and STOP2 to STOP5 pins
Table 15-1 Release level (edge) of STOP mode
Pin name
Release level (edge)
SYSCR1<RELM>="1"
(Note2)
SYSCR1<RELM>="0"
STOP
"H" level
Rising edge
STOP2
"L" level
Don’t use (Note1)
STOP3
"L" level
Don’t use (Note1)
STOP4
"L" level
Don’t use (Note1)
STOP5
"L" level
Don’t use (Note1)
Port input
External pin
Key-on wakeup
input
STOP pin
a) STOP
Release
STOP mode
STOP mode
STOP pin "L"
b)
Release
STOP mode
STOP mode
In case of STOP2 to STOP5
STOP2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com