Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 172 page
background image
Page 151
TMP86CS44UG
17. Electrical Characteristics
17.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values, which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
−0.3 to 6.5
V
Input voltage
VIN
−0.3 to VDD + 0.3
V
Output voltage
VOUT
−0.3 to VDD + 0.3
V
Output current (Per 1 pin)
IOUT1
P1, P3, P4 port
−1.8
mA
IOUT2
P1, P3 port
3.2
IOUT3
P0, P2, P4 port
30
Output current (Total)
Σ IOUT1
P1, P3 port
60
Σ IOUT2
P0, P2, P4 port
80
Power dissipation [Topr = 85
°C]
PD
250
mW
Soldering temperature (Time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com