Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 166Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 167Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 172 page
background image
Page 154
17. Electrical Characteristics
17.3 DC Characteristics
TMP86CS44UG
17.4 AD Conversion Characteristics
Note 1: The total error includes all errors except a quantization error, and is defined as a maximum deviation from the ideal con-
version line.
Note 2: Conversion time is different in recommended value by power supply voltage.
About conversion time, please refer to “Register Configuration”.
Note 3: Please use input voltage to AIN input Pin in limit of VAREF − VSS.
When voltage of range outside is input, conversion value becomes unsettled and gives affect to other channel conversion
value.
Note 4: Analog Reference Voltage Range: VAREF = AVDD − AVSS
(VSS = 0.0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
VAREF = AVDD − AVSS
AVDD
–
AVDD
V
Power supply voltage of analog control
circuit
AVDD
AVSS = VSS
VDD
Analog input voltage
VAIN
AVSS = VSS, AVDD = VDD
VSS
–
VDD
Power supply current of analog
reference voltage
IREF
VDD = AVDD = 5.5 V
VSS = AVSS = 0.0 V
–0.6
1.0
mA
Non linearity error
VDD = AVDD = 5.0 V
VSS = AVSS = 0.0 V
VAREF = AVDD − AVSS
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±4
(VSS = 0.0 V, 2.7 V ≤ VDD < 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
VAREF = AVDD − AVSS
AVDD
–
AVDD
V
Power supply voltage of analog control
circuit
AVDD
AVSS = VSS
VDD
Analog input voltage
VAIN
AVSS = VSS, AVDD = VDD
VSS
–
VDD
Power supply current of analog
reference voltage
IREF
VDD = AVDD = 4.5 V
VSS = AVSS = 0.0 V
–0.5
0.8
mA
Non linearity error
VDD = AVDD = 2.7 V
VSS = AVSS = 0.0 V
VAREF = AVDD − AVSS
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com