Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 162 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 162 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 166Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 172 page
background image
Page 152
17. Electrical Characteristics
17.1 Absolute Maximum Ratings
TMP86CS44UG
17.2 Operating Condition
The Operating Conditions shows the conditions under which the device be used in order for it to operate normally
while maitaining its quality. If the device is used outside the range of Operating Conditions (power supply voltage,
operating temperature range, or AC/DC rated values), it may operate erratically. Therefore, when designing your
application equipment, always make sure its intended working conditions will not exceed the range of Operating
Conditions.
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
VDD
fc = 16 MHz
NORMAL1, 2 mode
4.5
5.5
V
IDLE0, 1, 2 mode
fc = 8 MHz
NORMAL1, 2 mode
2.7
IDLE0, 1, 2 mode
fc = 4.2
MHz
NORMAL1, 2 mode
IDLE0, 1, 2 mode
fs =
32.768 kHz
SLOW1, 2 mode
SLEEP0, 1, 2 mode
STOP mode
2.0
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 2.7 V to 5.5 V
1.0
8.0
MHz
VDD = 4.5 V to 5.5 V
16.0
fs
XTIN, XTOUT
30.0
34.0
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com