Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 2Page - Analog Devices ADSP-BF525C Datasheet HTML 3Page - Analog Devices ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev. PrB
|
Page 6 of 12
|
June 2007
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
DIGITAL FILTER CHARACTERISTICS
PACKAGE INFORMATION
The information presented in Figure 3 and Table 2 provides
details about the package branding for the ADSP-
BF522C/ADSP-BF525C/ADSP-BF527C processor. For a com-
plete listing of product availability, see Ordering Guide on
Page 12.
Parameter
Conditions
Min
Typical
Max
Unit
ADC Filter
Passband
±0.05 dB
tbd × FS
tbd × FS
Passband
–6 dB
0.5 × FS
Passband Ripple
tbd
dB
Stopband
tbd × FS
Stopband Attenuation
F > 0.5465 × FS
tbd
dB
High Pass Filter Corner Frequency
–3 dB
3.7
Hz
High Pass Filter Corner Frequency
–0.5 dB
10.4
Hz
High Pass Filter Corner Frequency
–0.1 dB
21.6
Hz
DAC Filter
Passband
±0.03 dB
tbd × FS
tbd × FS
Passband
–6 dB
0.5 × FS
Passband Ripple
tbd
dB
Stopband
tbd × FS
Stopband Attenuation
F > 0.5465 × FS
tbd
dB
Figure 3. Product Information on Package
Table 2. Package Brand Information
Brand Key
Field Description
t
Temperature Range
pp
Package Type
Z
Lead Free Option
ccc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
yyww
Date Code
vvvvvv.x n.n
tppZccc
B
ADSP-BF525C
a
yyww country_of_origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com