Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices ADSP-BF525C Datasheet HTML 11Page - Analog Devices ADSP-BF525C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Rev. PrB
|
Page 12 of 12
|
June 2007
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06876-0-6/07(PrB)
ORDERING GUIDE
Model
Temperature
Range1
1 Referenced temperature is ambient temperature.
Package Description
Package
Option
Instruction
Rate (Max)
Operating Voltage
(Nom)
ADSPBF527KBCZENGC1 0ºC to +70ºC 289-Ball Chip Scale Package Ball Grid Array
(Mini-BGA)
BC-289
600 MHz
tbd V internal, 1.8 V or 3.3 V I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com