Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF525C Datasheet HTML 1Page - Analog Devices ADSP-BF525C Datasheet HTML 2Page - Analog Devices ADSP-BF525C Datasheet HTML 3Page - Analog Devices ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Rev. PrB
|
Page 3 of 12
|
June 2007
GENERAL DESCRIPTION
This document describes the differences between the ADSP-
BF522C/ADSP-BF525C/ADSP-BF527C and the ADSP-
BF522/ADSP-BF525/ADSP-BF527 standard product. Please
refer to the published ADSP-BF522/ADSP-BF525/ADSP-BF527
Revision PrC datasheet for general description and specifica-
tions. This document only describes the exceptions to that
datasheet.
The ADSP-BF522C/ADSP-BF525C/ADSP-BF527C adds a ste-
reo CODEC to the standard product and changes the package
labeling.
STEREO CODEC
The CODEC in the ADSP-BF522C/ADSP-BF525C/ADSP-
BF527C is a low power, high quality stereo audio CODEC for
portable digital audio application. It features two 24-bit A/D
converter channels and two 24-bit D/A converter channels.
In normal mode, the XMI/MCLK oscillator is set up according
to the desired sample rates of the ADC and DAC. For ADC or
DAC sampling rates of 8 kHz, 32 kHz, 48 kHz or 96 kHz, MCLK
frequencies of either 12.288 MHz (256 × FS) or 18.432 MHz
(384 × FS) can be used. For ADC or DAC sampling rates of
8 kHz, 44.1 kHz or 88.2 kHz, MCLK frequencies of either
11.2896 MHz (256 × FS) or 16.9344 MHz (384 × FS) can be
used.
In USB mode, the XTI/MCLK frequency is only 12MHz allow-
ing for ADC and DAC sampling rates of 8 kHz, 44.1 kHz or 88.2
kHz.
The CODEC can operate with power supplies as low as 1.8 V for
the analog part and 1.8 V for digital port. The maximum voltage
is 3.6 V for all power supplies.
The device is controlled by a 2- or 3-wire serial interface which
provides access to all features including volume controls, mutes
and extensive power management facilities.
Figure 2. Audio CODEC Block Diagram
MUX
ADC
DAC
MUX
ADC
DAC
RLINEIN
MICBIAS
MICIN
LLINEIN
ATTENUATOR
ATTENUATOR
ATTENUATOR
ATTENUATOR
+
+
DIGITAL
FILTERS
RHPOUT
ROUT
LOUT
LHPOUT
CLK
DIGITAL AUDIO INTERFACE
CONTROL INTERFACE
XTI/MCLK XTO CCLKOUT DACDAT ADCDAT BCLK
DACLRC
ADCLRC
CMODE
CSB CSDA CSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com