Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF525C Datasheet HTML 1Page - Analog Devices ADSP-BF525C Datasheet HTML 2Page - Analog Devices ADSP-BF525C Datasheet HTML 3Page - Analog Devices ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
Preliminary Technical Data
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin®
Embedded Processor
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2007 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 600 MHz high-performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
tbd V to tbd V core VDD with on-chip voltage regulation
1.8V, 2.5V, or 3.3V I/O operation
Embedded low power audio CODEC
289-ball MBGA package
MEMORY
132K bytes of on-chip memory:
48K bytes of instruction SRAM
16K bytes of instruction SRAM/cache
32K bytes of data SRAM
32K bytes of data SRAM/cache
4K bytes of scratchpad SRAM
External memory controller with glueless support for SDRAM
and asynchronous 8-bit and 16-bit memories
Nand flash controller
Flexible booting options from external flash, SPI and TWI
memory or from SPI, TWI, and UART host devices
One-time programmable memory for security
Two dual-channel memory DMA controllers
Memory management unit providing memory protection
PERIPHERALS
Refer to the published ADSP-BF522/ADSP-BF525/ADSP-
BF527 Revision PrB datasheet for additional peripherals
CODEC FEATURES
Stereo 24-bit A/D and D/A converters
DAC
100 dB (A-weighted) signal-to-noise ratio at 3.3 V
95 dB (A-weighted) signal-to-noise ratio at 1.8 V
ADC
90 dB (A-weighted) signal-to-noise ratio at 3.3 V
85dB (A-weighted) signal-to-noise ratio at 1.8 V
Audio sample rates
8 kHz, 44.1 kHz or 88.2 kHz–XTI/MCLK frequency 11.2896
MHz (256 × FS) or 16.9344 MHz (384 × FS)
8 kHz, 32 kHz, 48 kHz or 96 kHz–XTI/MCLK frequency
12.288 MHz (256 × FS) or 18.432 MHz (384 × FS)
Highly efficient headphone amplifier
Complete stereo/mono or microphone/line interface
Normal and USB modes programmed under software control
Low power
8 mW stereo playback (1.8 V all power supplies)
20 mW record and playback (1.8 V all power supplies))
Low supply voltages
1.8 V to 3.6 V analog supply range
1.8 V to 3.6 V digital supply range
Figure 1. Functional Block Diagram
EMAC/HDMA
UART 0-1
TIMERS 0-7
PPI
NAND
SPI
TWI
SPORT1-0
PORTS
USB
EXTERNAL PORT
FLASH, SDRAM CONTROL
JTAG TEST AND EMULATION
VOLTAGE REGULATOR
DMA
CONTROLLER
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
INTERRUPT
CONTROLLER
PERIPHERAL ACCESS
BUS
EXTERNAL ACCESS BUS
DMA CORE BUS
DMA
EXTERNAL
BUS
B
WATCHDOG TIMER
RTC
BOOT
ROM
OTP
16
CODEC


Similar Part No. - ADSP-BF525C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF525C AD-ADSP-BF525C Datasheet
2Mb / 44P
Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
ADSP-BF525C AD-ADSP-BF525C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF525C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535 Datasheet
1Mb / 44P
Blackfin Embedded Processor
9/04-Data Sheet Changed from REV. 0 to REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
logo
Analog Devices
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
Embedded Processor
REV. B
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
Embedded Processor
REV. C
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
Embedded Processor
Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com