Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices ADSP-BF525C Datasheet HTML 11Page - Analog Devices ADSP-BF525C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev. PrB
|
Page 8 of 12
|
June 2007
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Table 4. 289-Ball Mini-BGA Ball Assignment (Numerically by Ball Number)
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
A1
GND
B23 CSCL
H22 AGND
L22 PH8
P22 PH15
U22
NMI
AC5
ADDR9
A2
PG12
C1
PG8
H23 MICBIAS
L23 PH7
P23 XTAL
U23
RTXI
AC6
ADDR5
A3
PG13
C2
PG6
J1
TDI
M1
DATA15
R1
DATA8
V1
DATA4
AC7
ADDR4
A4
PG14
C22 SDA
J2
EMU
M2
DATA14
R2
DATA11
V2
DATA1
AC8
ADDR2
A5
PG15
C23 CSDA
J7
VDDMEMM7
VDDMEMR7
VDDMEMV22
RESET
AC9
ABE1/SDQM1
A6
PPICLK/TMRCLK
D1
PG4
J8
VDDINT
M8
VDDINT
R8
VDDINT
V23
RTXO
AC10 SA10
A7
PF0
D2
PG5
J9
GND
M9
GND
R9
GND
W1
DATA2
AC11 SCAS
A8
PF2
D22 CCLKOUT J10
GNDM10 GNDR10 GNDW2
ADDR16
AC12 VDDOTP
A9
PF14
D23 CSB
J11
GND
M11 GND
R11 GND
W22 VDDUSB
AC13 SMS
A10 PF15
E1
BMODE2
J12
GND
M12 GND
R12 GND
W23 VDDRTC
AC14 ARDY
A11 PH0
E2
BMODE3
J13
GND
M13 GND
R13 GND
Y1
DATA0
AC15 AOE
A12 PH1
E22 CMODE
J14
GND
M14 GND
R14 GND
Y2
ADDR17
AC16 AMS2
A13 PH2
E23 LLINEIN
J15
GND
M15 GND
R15 GND
Y22
USB_ID
AC17 AMS0
A14 PH4
F1
PG3
J16
VDDINT
M16 VDDINT
R16 VDDINT
Y23
VDDUSB
AC18 VROUT
A15 ADCLRC
F2
BMODE1
J17
VDDEXT
M17 VDDEXT
R17 VDDEXT
AA1
ADDR18
AC19 EXT_WAKE
A16 ADCDAT
F22 LOUT
J22
AVDD
M22 PH10
R22 PH11
AA2
ADDR15
AC20 SS/PG
A17 DACLRC
F23 RLINEIN
J23
MICIN
M23 PH12
R23 CLKIN
AA22 USB_DP
AC21 USB_RSET
A18 DACDAT
G1
PG1
K1
TDO
N1
DATA12
T1
DATA7
AA23 USB_XTALOUT
AC22 USB_VREF
A19 BCLK
G2
BMODE0
K2
TRST
N2
DATA13
T2
DATA6
AB1
ADDR19
AC23 GND
A20 PF9
G7
VDDEXT
K7
VDDMEM N7
VDDMEM T7
VDDMEM AB2
ADDR13
A21 XTO
G8
VDDEXT
K8
VDDINT
N8
VDDINT
T8
VDDINT
AB3
ADDR11
A22 XTI/MCLK
G9
VDDEXT
K9
GND
N9
GND
T9
VDDINT
AB4
ADDR7
A23 GND
G10 VDDEXT
K10 GND
N10 GND
T10 VDDINT
AB5
ADDR8
B1
PG7
G11 VDDEXT
K11 GND
N11 GND
T11 VDDINT
AB6
ADDR6
B2
PG9
G12 VDDEXT
K12 GND
N12 GND
T12 VDDINT
AB7
ADDR3
B3
PG11
G13 VDDEXT
K13 GND
N13 GND
T13 VDDINT
AB8
ADDR1
B4
PG10
G14 VDDEXT
K14 GND
N14 GND
T14 VDDINT
AB9
ABE0/SDQM0
B5
VDDINT
G15 VDDEXT
K15 GND
N15 GND
T15 VDDINT
AB10 SWE
B6
GND
G16 AVDD
K16 VDDINT
N16 VDDINT
T16 VDDINT
AB11 OTPVPP
B7
PPIFS1/TMR0
G17 AGND
K17 VDDEXT
N17 VDDEXT
T17 VDDEXT
AB12 SRAS
B8
PF1
G22 ROUT
K22 PH6
N22 PH13
T22 GND
AB13 SCKE
B9
PF3
G23 VMID
K23 PH5
N23 PH14
T23 PH9
AB14 AWE
B10 PF5
H1
PG2
L1
TCK
P1
DATA9
U1
DATA5
AB15 AMS3
B11 PF4
H2
PG0
L2
TMS
P2
DATA10
U2
DATA3
AB16 AMS1
B12 PF6
H7
VDDEXT
L7
VDDMEM P7
VDDMEM U7
VDDMEM AB17 ARE
B13 PF7
H8
VDDINT
L8
VDDINT
P8
VDDINT
U8
VDDMEM AB18 CLKOUT
B14 PH3
H9
VDDINT
L9
GND
P9
GND
U9
VDDMEM AB19 CLKBUF
B15 PF10
H10 VDDINT
L10 GND
P10 GND
U10 VDDMEM AB20 USB_VBUS
B16 PF8
H11 VDDINT
L11 GND
P11 GND
U11 VDDMEM AB21 USB_DM
B17 PF11
H12 VDDINT
L12 GND
P12 GND
U12 VDDMEM AB22 VRSEL
B18 PF12
H13 VDDINT
L13 GND
P13 GND
U13 VDDMEM AB23 USB_XTALIN
B19 PF13
H14 VDDINT
L14 GND
P14 GND
U14 VDDMEM AC1
GND
B20 LHPOUT
H15 VDDINT
L15 GND
P15 GND
U15 VDDMEM AC2
ADDR14
B21 RHPOUT
H16 VDDINT
L16 VDDINT
P16 VDDINT
U16 VDDMEM AC3
ADDR12
B22 SCL
H17 VDDEXT
L17 VDDEXT
P17 VDDEXT
U17 VDDEXT
AC4
ADDR10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com