Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices ADSP-BF525C Datasheet HTML 11Page - Analog Devices ADSP-BF525C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Rev. PrB
|
Page 11 of 12
|
June 2007
OUTLINE DIMENSIONS
Dimensions in the outline dimension figures are shown in
millimeters.
SURFACE MOUNT DESIGN
Table 6 is provided as an aid to PCB design. For industry-
standard design recommendations, refer to IPC-7351,
Generic Requirements for Surface Mount Design and Land Pat-
tern Standard.
Figure 6.
289-Ball Chip Scale Package Ball Grid Array (Mini-BGA)
NOTES
1. DIMENSIONS ARE IN MILLIMETERS.
2. COMPLIES WITH JEDEC REGISTERED OUTLINE
MO-195, VARIATION AJ AND EXCEPTION TO PACKAGE HEIGHT
AND BALL HEIGHT.
3. MINIMUM BALL HEIGHT 0.20
CL
CL
0.5 BSC
BALL
PITCH
11.00 BSC SQ
TOP VIEW
A1 BALL
PAD CORNER
12.00 BSC SQ
SIDE VIEW
DETAIL A
DETAIL A
SEATING PLANE
0.35
0.30
0.25
BALL DIAMETER
0.08
MAX
COPLANARITY
0.20 MIN
BOTTOM VIEW
A1 BALL
PAD CORNER
M
B
C
D
E
F
G
H
J
K
L
N
R
T
A
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
289-BALL MINI BGA
(BC-289-2)
1.40
1.26
1.11
17
18
19
20
21
22
23
U
V
W
Y
AA
AB
AC
P
Table 6. BGA Data for Use with Surface Mount Design
Package
Ball Attach Type
Solder Mask Opening
Ball Pad Size
289-Ball Chip Scale Package Ball Grid Array (Mini-BGA)
Solder Mask Defined
0.26 mm diameter
0.35 mm diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com