Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF525C Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF525C
Description  Embedded Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF525C Datasheet HTML 3Page - Analog Devices ADSP-BF525C Datasheet HTML 4Page - Analog Devices ADSP-BF525C Datasheet HTML 5Page - Analog Devices ADSP-BF525C Datasheet HTML 6Page - Analog Devices ADSP-BF525C Datasheet HTML 7Page - Analog Devices ADSP-BF525C Datasheet HTML 8Page - Analog Devices ADSP-BF525C Datasheet HTML 9Page - Analog Devices ADSP-BF525C Datasheet HTML 10Page - Analog Devices ADSP-BF525C Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Rev. PrB
|
Page 7 of 12
|
June 2007
289-BALL MINI-BGA PINOUT
Table 3 lists the mini-BGA pinout by signal mnemonic. Table 4
on Page 8 lists the mini-BGA pinout by ball number.
Table 3. 289-Ball Mini-BGA Ball Assignment (Alphabetically by Signal)
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
Signal
Ball
No.
ABE0/SDQM0 AB9
CSB
D23
GND
L14
PF5
B10 RESET
V22
VDDEXT
R17 VDDMEM U8
ABE1/SDQM1 AC9
CSCL
B23
GND
L15
PF6
B12 RHPOUT
B21
VDDEXT
T17 VDDMEM U9
ADCDAT
A16
CSDA
C23
GND
M9
PF7
B13 RLINEIN
F23
VDDEXT
U17 VDDMEM U10
ADCLRC
A15
DACDAT
A18
GND
M10 PF8
B16 ROUT
G22
VDDINT
B5
VDDMEM U11
ADDR1
AB8
DACLRC
A17
GND
M11 PF9
A20 RTXI
U23
VDDINT
H8
VDDMEM U12
ADDR2
AC8
DATA0
Y1
GND
M12 PF10
B15 RTXO
V23
VDDINT
H9
VDDMEM U13
ADDR3
AB7
DATA1
V2
GND
M13 PF11
B17 SA10
AC10 VDDINT
H10 VDDMEM U14
ADDR4
AC7
DATA2
W1
GND
M14 PF12
B18 SCAS
AC11 VDDINT
H11 VDDMEM U15
ADDR5
AC6
DATA3
U2
GND
M15 PF13
B19 SCKE
AB13 VDDINT
H12 VDDMEM U16
ADDR6
AB6
DATA4
V1
GND
N9
PF14
A9
SCL
B22
VDDINT
H13 VDDOTP
AC12
ADDR7
AB4
DATA5
U1
GND
N10
PF15
A10 SDA
C22
VDDINT
H14 VDDRTC
W23
ADDR8
AB5
DATA6
T2
GND
N11
PG0
H2
SMS
AC13 VDDINT
H15 VDDUSB
W22
ADDR9
AC5
DATA7
T1
GND
N12
PG1
G1
SRAS
AB12 VDDINT
H16 VDDUSB
Y23
ADDR10
AC4
DATA8
R1
GND
N13
PG2
H1
SS/PG
AC20 VDDINT
J8
VMID
G23
ADDR11
AB3
DATA9
P1
GND
N14
PG3
F1
SWE
AB10 VDDINT
J16 VROUT
AC18
ADDR12
AC3
DATA10
P2
GND
N15
PG4
D1
TCK
L1
VDDINT
K8
VRSEL
AB22
ADDR13
AB2
DATA11
R2
GND
P9
PG5
D2
TDI
J1
VDDINT
K16 XTAL
P23
ADDR14
AC2
DATA12
N1
GND
P10
PG6
C2
TDO
K1
VDDINT
L8
XTI/MCLK A22
ADDR15
AA2
DATA13
N2
GND
P11
PG7
B1
TMS
L2
VDDINT
L16 XTO
A21
ADDR16
W2
DATA14
M2
GND
P12
PG8
C1
TRST
K2
VDDINT
M8
ADDR17
Y2
DATA15
M1
GND
P13
PG9
B2
USB_DM
AB21 VDDINT
M16
ADDR18
AA1
EMU
J2
GND
P14
PG10
B4
USB_DP
AA22 VDDINT
N8
ADDR19
AB1
EXT_WAKE AC19 GND
P15
PG11
B3
USB_ID
Y22
VDDINT
N16
AGND
G17
GND
A1
GND
R9
PG12
A2
USB_RSET
AC21 VDDINT
P8
AGND
H22
GND
A23
GND
R10
PG13
A3
USB_VBUS
AB20 VDDINT
P16
AMS0
AC17 GND
B6
GND
R11
PG14
A4
USB_VREF
AC22 VDDINT
R8
AMS1
AB16 GND
J9
GND
R12
PG15
A5
USB_XTALIN
AB23 VDDINT
R16
AMS2
AC16 GND
J10
GND
R13
PH0
A11 USB_XTALOUT
AA23 VDDINT
T8
AMS3
AB15 GND
J11
GND
R14
PH1
A12 VDDEXT
G7
VDDINT
T9
AOE
AC15 GND
J12
GND
R15
PH2
A13 VDDEXT
G8
VDDINT
T10
ARDY
AC14 GND
J13
GND
T22
PH3
B14 VDDEXT
G9
VDDINT
T11
ARE
AB17 GND
J14
GND
AC1
PH4
A14 VDDEXT
G10
VDDINT
T12
AVDD
G16
GND
J15
GND
AC23 PH5
K23 VDDEXT
G11
VDDINT
T13
AVDD
J22
GND
K9
LHPOUT B20
PH6
K22 VDDEXT
G12
VDDINT
T14
AWE
AB14 GND
K10
LLINEIN E23
PH7
L23 VDDEXT
G13
VDDINT
T15
BCLK
A19
GND
K11
LOUT
F22
PH8
L22 VDDEXT
G14
VDDINT
T16
BMODE0
G2
GND
K12
MICBIAS H23
PH9
T23 VDDEXT
G15
VDDMEM J7
BMODE1
F2
GND
K13
MICIN
J23
PH10
M22 VDDEXT
H7
VDDMEM K7
BMODE2
E1
GND
K14
NMI
U22
PH11
R22 VDDEXT
H17
VDDMEM L7
BMODE3
E2
GND
K15
OTPVPP AB11 PH12
M23 VDDEXT
J17
VDDMEM M7
CCLKOUT
D22
GND
L9
PF0
A7
PH13
N22 VDDEXT
K17
VDDMEM N7
CLKBUF
AB19 GND
L10
PF1
B8
PH14
N23 VDDEXT
L17
VDDMEM P7
CLKIN
R23
GND
L11
PF2
A8
PH15
P22 VDDEXT
M17 VDDMEM R7
CLKOUT
AB18 GND
L12
PF3
B9
PPICLK/TMRCLK
A6
VDDEXT
N17
VDDMEM T7
CMODE
E22
GND
L13
PF4
B11
PPIFS1/TMR0
B7
VDDEXT
P17
VDDMEM U7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com