Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385CG Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32U385CG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 150Page - STMicroelectronics STM32U385CG Datasheet HTML 151Page - STMicroelectronics STM32U385CG Datasheet HTML 152Page - STMicroelectronics STM32U385CG Datasheet HTML 153Page - STMicroelectronics STM32U385CG Datasheet HTML 154Page - STMicroelectronics STM32U385CG Datasheet HTML 155Page - STMicroelectronics STM32U385CG Datasheet HTML 156Page - STMicroelectronics STM32U385CG Datasheet HTML 157Page - STMicroelectronics STM32U385CG Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 224 page
background image
5.3.22
Digital-to-analog converter characteristics
Table 102. DAC characteristics
Specified by design and not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for DAC ON
-
1.6
-
3.6
V
VREF+
Positive reference voltage
-
1.6
-
VDDA
VREF-
Negative reference voltage
-
-
VSSA
-
RL
Resistive load
DAC output buffer ON
connected to VSSA
5
-
-
kΩ
connected to VDDA
25
-
-
RO
Output impedance
DAC output buffer OFF
10
13
16
RBON
Output impedance sample and hold
mode, output buffer ON
VDDA = 2.7 V
-
-
1.5
VDDA = 2.0 V
-
-
2.5
RBOFF
Output impedance sample and hold
mode, output buffer OFF
VDDA = 2.7 V
-
-
16.5
VDDA = 2.0 V
-
-
17.5
CL
Capacitive load
DAC output buffer OFF
-
-
50
pF
CSH
Sample and hold mode
-
0.1
1
µF
VDAC_OUT Voltage on DAC_OUT output
DAC output buffer ON
0.2
-
VDDA - 0.2
V
DAC output buffer OFF
0
-
VREF+
tSETTLING
Settling time (full scale: for a 12-bit code
transition between the lowest and the
highest input codes when DAC_OUT
reaches the final value of ± 0.5 LSB, ±
1 LSB, ± 2 LSB, ± 4 LSB, or ± 8 LSB)
Normal mode
DAC output buffer ON
CL ≥ 50 pF,
RL ≤ 5 kΩ
± 0.5 LSB
-
2.05
3.05
µs
± 1 LSB
-
1.90
3
± 2 LSB
-
1.85
2.85
± 4 LSB
-
1.80
2.8
± 8 LSB
-
1.75
2.65
Normal mode DAC output buffer OFF, ± 1 LSB, CL
= 10 pF
-
1.7
3
tWAKEUP(1)
Wake-up time from off state (setting the
ENx bit in the DAC control register) until
the final value ± 1 LSB
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL = 5 kΩ
-
4.2
7.5
Normal mode DAC output buffer OFF, CL ≤ 10 pF
-
2
5
PSRR
DC VDDA supply rejection ratio
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL = 5 kΩ
-
-80
-28
dB
tSAMP
Sampling time in sample and hold mode,
CSH = 100 nF
(code transition between the lowest input
code and the highest input code when
DACOUT reaches the final value ±
1 LSB)
DAC_OUT pin connected
DAC output buffer
ON, CSH = 100 nF
-
0.7
1.9
ms
DAC output buffer
OFF, CSH = 100 nF
-
10.5
15
DAC_OUT pin not
connected (internal
connection only)
DAC output buffer
OFF
-
2
8
µs
Ileak
Output leakage current
-
-
-
(2)
nA
CIint
Internal sample and hold capacitor
-
7
9.2
11
pF
tTRIM
Middle code offset trim time
DAC output buffer ON
50
-
-
µs
Voffset
Middle code offset for 1 trim code step
VREF+ = 3.6 V
-
1520
-
µV
VREF+ = 1.6 V
-
680
-
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 154/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com